Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2IVN24 Datasheet(PDF) 2 Page - Protek Devices

Part # PAM2IVN24
Description  ESD PROTECTION FOR IN-VEHICLE NETWORKS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM2IVN24 Datasheet(HTML) 2 Page - Protek Devices

  PAM2IVN24 Datasheet HTML 1Page - Protek Devices PAM2IVN24 Datasheet HTML 2Page - Protek Devices PAM2IVN24 Datasheet HTML 3Page - Protek Devices PAM2IVN24 Datasheet HTML 4Page - Protek Devices PAM2IVN24 Datasheet HTML 5Page - Protek Devices PAM2IVN24 Datasheet HTML 6Page - Protek Devices PAM2IVN24 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
05573.R1 10/18
Page 2
PAM2IVN24
ISO 9001: 2015 CERTIFIED
TYPICAL DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
UNITS
Peak Pulse Current, tp = 8/20µs
I
PPM
5.0
Amps
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
150
Watts
Junction Temperature
T
J
-55 to 150
°C
Storage Temperature
T
STG
-65 to 150
°C
Ambient Temperature
T
A
-55 to 150
°C
ESD Voltage Rating per IEC 61000-4-2 (Air and Contact)
V
ESD
±30
kV
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
t
d - Pulse Duration - µs
150W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
DEVICE
MARKING
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
CLAMPING
VOLTAGE
(Fig. 2)
@ I
P = 3.5A
V
C
VOLTS
LEAKAGE
CURRENT
@V
WM 27°C
I
D
nA
MAXIMUM
LEAKAGE
CURRENT
(See Note 1)
@V
WM 125°C
I
D
nA
CAPACITANCE
(See Note 1-2)
@5V, 250KHz/1MHz
C
pF
MIN TYP MAX
TYP
MAX
TYP
MAX
TYP
MAX
PAM2IVN24
24V
24.0
25.5
27.0
30.3
38
42
0.8
5
10
20
25
NOTES
1. Guaranteed by design.
2. Capacitance difference between two channels is < 5%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com