Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD2402 Datasheet(PDF) 1 Page - Protek Devices

Part # PESD2402
Description  CAN BUS ESD PROTECTION DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PESD2402 Datasheet(HTML) 1 Page - Protek Devices

  PESD2402 Datasheet HTML 1Page - Protek Devices PESD2402 Datasheet HTML 2Page - Protek Devices PESD2402 Datasheet HTML 3Page - Protek Devices PESD2402 Datasheet HTML 4Page - Protek Devices PESD2402 Datasheet HTML 5Page - Protek Devices PESD2402 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
ISO 9001: 2015 CERTIFIED
05586.R1 1/19
Page 1
PESD2402
CAN BUS ESD PROTECTION DIODE
DESCRIPTION
The PESD2402 is designed to protect two signal data lines from the damaging effects of Electrostatic Discharge (ESD)
and other applied transients. The device operates at 24V with low capacitance rating per line and is available in a SOT-
23 package configuration. The device is compliant to IEC 61000-4-2 and IEC 61000-4-4 circuit protection requirements
which can protect downstream circuitry.
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air ±15kV, Contact ±8kV
• Compatible with IEC61000-4-4 (EFT)
• 100 Watts Peak Pulse Power per Line(tp = 8/20µs)
• Two Lines of Protection
• ESD Protection > 25 kilovolts
• Low Clamping Voltage
• Low Capacitance
• Low Leakage Current
• RoHS Compliant
• REACh Compliant
MECHANICAL CHARACTERISTICS
• Molded JEDEC SOT-23 Package
• Approximate Weight: 8 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
• 8mm Tape and Reel per EIA Standard 481
APPLICATIONS
• CAN Bus Protection
• Automotive Applications
PIN CONFIGURATION
SOT-23 PACKAGE
2
3
1


Similar Part No. - PESD2402

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PESD2442L001 LEIDITECH-PESD2442L001 Datasheet
862Kb / 5P
Varistor voltage In = 1 mA DC
PESD2442L002 LEIDITECH-PESD2442L002 Datasheet
1Mb / 5P
Maximum allowable continuous DC voltage V DC 24 V
PESD2442L010 LEIDITECH-PESD2442L010 Datasheet
859Kb / 5P
Varistor voltage In = 1 mA DC
PESD2442U005 LEIDITECH-PESD2442U005 Datasheet
2Mb / 3P
Ultal Low Capacitance ESD Protection Diode in 0402
PESD2463L003 LEIDITECH-PESD2463L003 Datasheet
1Mb / 5P
Varistor voltage In = 1 mA DC
More results

Similar Description - PESD2402

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD2CAN PHILIPS-PESD2CAN Datasheet
157Kb / 13P
CAN bus ESD protection diode
Rev. 2-27 September 2012
logo
Diodes Incorporated
DESD1CAN2SOQ DIODES-DESD1CAN2SOQ Datasheet
279Kb / 5P
CAN BUS ESD PROTECTION DIODE
Rev 1
DESD2CAN2SOQ DIODES-DESD2CAN2SOQ Datasheet
440Kb / 4P
CAN BUS ESD PROTECTION DIODE
Rev 1
logo
TECH PUBLIC Electronics...
TPESD1CAN TECHPUBLIC-TPESD1CAN Datasheet
1Mb / 4P
Can bus Esd Protection Diode
PESD1CAN TECHPUBLIC-PESD1CAN Datasheet
1Mb / 4P
CAN bus ESD protection diode
ESDCAN05-2BWY TECHPUBLIC-ESDCAN05-2BWY Datasheet
1Mb / 4P
Can bus ESD Protection Diode
ESDCAN06-2BWY TECHPUBLIC-ESDCAN06-2BWY Datasheet
1Mb / 4P
Can bus ESD Protection Diode
logo
Nexperia B.V. All right...
PESD1CAN NEXPERIA-PESD1CAN Datasheet
607Kb / 12P
CAN bus ESD protection diode
Rev. 04 - 15 February 2008
logo
TECH PUBLIC Electronics...
ESDONCAN1LT1G TECHPUBLIC-ESDONCAN1LT1G Datasheet
980Kb / 4P
Can bus Esd Protection Diode
PESD2CAN TECHPUBLIC-PESD2CAN Datasheet
982Kb / 4P
Can bus Esd Protection Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com