Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB403 Datasheet(PDF) 2 Page - Protek Devices

Part # PUSB403
Description  ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PUSB403 Datasheet(HTML) 2 Page - Protek Devices

  PUSB403 Datasheet HTML 1Page - Protek Devices PUSB403 Datasheet HTML 2Page - Protek Devices PUSB403 Datasheet HTML 3Page - Protek Devices PUSB403 Datasheet HTML 4Page - Protek Devices PUSB403 Datasheet HTML 5Page - Protek Devices PUSB403 Datasheet HTML 6Page - Protek Devices PUSB403 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
05581.R0 10/18
Page 2
PUSB403
ISO 9001: 2015 CERTIFIED
TYPICAL DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
UNITS
Operating Temperature
T
L
-40 to 85
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Current - 8/20µs
I
PP
6
Amps
ESD Voltage Level per IEC 61000-4-2 (Air and Contact)
V
ESD
±16
kV
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
DEVICE
MARKING
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 1)
(Note 1)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 1)
(Note 1)
@ I
P = 5A
V
C
VOLTS
MAXIMUM
LEAKAGE
CURRENT
@3.0V
I
D
µA
MAXIMUM
CAPACITANCE
I/O - GND
@0V
200MHz - 9GHz
C
pF
MAXIMUM
CAPACITANCE
I/O - I/O
@0V
200MHz - 9GHz
C
pF
PUSB403
403
3.3
4.5
4.0
7.4
0.1
0.6
0.2
NOTES
1. I/O to Ground.
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
e-t
Peak Value I
PP
t
d = t/(IPP/2)
FIGURE 1
PULSE WAVE FORM
t - Time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120
FIGURE 2
JUNCTION CAPACITANCE
0.1
0.3
0.5
V
R - Reverse Voltage - V
0
0.5
1
1.5
2
2.5
3
0.2
0.4
0.6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com