Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB403 Datasheet(PDF) 1 Page - Protek Devices

Part # PUSB403
Description  ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PUSB403 Datasheet(HTML) 1 Page - Protek Devices

  PUSB403 Datasheet HTML 1Page - Protek Devices PUSB403 Datasheet HTML 2Page - Protek Devices PUSB403 Datasheet HTML 3Page - Protek Devices PUSB403 Datasheet HTML 4Page - Protek Devices PUSB403 Datasheet HTML 5Page - Protek Devices PUSB403 Datasheet HTML 6Page - Protek Devices PUSB403 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
05581.R0 10/18
Page 1
PUSB403
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
ISO 9001: 2015 CERTIFIED
DESCRIPTION
The PUSB403 is an ultra low capacitance steering diode/TVS array. This device is designed to protect computing ap-
plications such as gigabit Ethernet, HDMI, USB(1.0-3.0) and DVI interfaces as well as telecommunication equipment
and systems. The PUSB403 is available in the space-saving DFN-10 package configuration.
This device meets the IEC 61000-4-2 (ESD), 61000-4-4 (EFT) and 61000-4-5 (Surge) requirements. At higher operat-
ing frequencies or faster edge rates, insertion loss and signal integrity are a major concern. This device in conjunction
with passive components integrated into a TVS/filter network can be used for EMI/RFI protection.
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air ±16kV, Contact ±16kV
• Compatible with IEC 61000-4-4 (EFT)
• Compatible with IEC 61000-4-5 (Lightning): 6A - 8/20µs
• Low Leakage Current < 100nA
• Protects 4 Lines
• Ultra Low Capacitance: 0.15pF Typ(I/O-I/O) & 0.45pF Typ(I/O-GND)
• RoHS Compliant
• REACH Compliant
MECHANICAL CHARACTERISTICS
• Molded JEDEC DFN-10 Package
• Approximate Weight: 7 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPLICATIONS
• USB 1.0, USB 2.0, USB 3.0 & USB 3.1
• HDMI 1.4 & 2.0 / UHD / 4K Interfaces
CIRCUIT DIAGRAM & PIN CONFIGURATION
Pin 1
Pin 2
Pin 4
Pin 5
Pin 3, 8
1
5
10
6
I/O
NC
NC
I/O
I/O
I/O
NC
NC
GND
GND
9
8
7
4
3
2
DFN-10 PACKAGE


Similar Part No. - PUSB403

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PUSB220 UTC-PUSB220 Datasheet
198Kb / 6P
DUAL USB 2.0 INTEGRATED ESD PROTECTION
PUSB220G-AG6-R UTC-PUSB220G-AG6-R Datasheet
198Kb / 6P
DUAL USB 2.0 INTEGRATED ESD PROTECTION
PUSB220G-AG6-R UTC-PUSB220G-AG6-R Datasheet
198Kb / 6P
DUAL USB 2.0 INTEGRATED ESD PROTECTION
PUSB220L-AG6-R UTC-PUSB220L-AG6-R Datasheet
198Kb / 6P
DUAL USB 2.0 INTEGRATED ESD PROTECTION
PUSB220L-AG6-R UTC-PUSB220L-AG6-R Datasheet
198Kb / 6P
DUAL USB 2.0 INTEGRATED ESD PROTECTION
More results

Similar Description - PUSB403

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSR3.3 PROTEC-PSR3.3 Datasheet
478Kb / 6P
ultra low capacitance steering diode/tvs array
SRV05-4 PROTEC-SRV05-4_11 Datasheet
630Kb / 8P
ultra low capacitance steering diode/tvs array
SRV05-4LC PROTEC-SRV05-4LC Datasheet
548Kb / 7P
ultra low capacitance steering diode/tvs array
PAM05SC700504F PROTEC-PAM05SC700504F Datasheet
525Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0502 PROTEC-PLR0502_12 Datasheet
553Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0504F PROTEC-PLR0504F_12 Datasheet
524Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0524 PROTEC-PLR0524 Datasheet
941Kb / 8P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSR3.3 PROTEC-PSR3.3_12 Datasheet
479Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SR2.8 PROTEC-SR2.8_12 Datasheet
486Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SRV25-4 PROTEC-SRV25-4 Datasheet
442Kb / 7P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com