Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMF12AL Datasheet(PDF) 2 Page - Protek Devices

Part # PSMF12AL
Description  400 WATT TVS COMPONENT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSMF12AL Datasheet(HTML) 2 Page - Protek Devices

  PSMF12AL Datasheet HTML 1Page - Protek Devices PSMF12AL Datasheet HTML 2Page - Protek Devices PSMF12AL Datasheet HTML 3Page - Protek Devices PSMF12AL Datasheet HTML 4Page - Protek Devices PSMF12AL Datasheet HTML 5Page - Protek Devices PSMF12AL Datasheet HTML 6Page - Protek Devices PSMF12AL Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
05600.R0 1/19
Page 2
PSMFxxAL Series
ISO 9001: 2015 CERTIFIED
TYPICAL DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
UNITS
Operating Temperature
T
J
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Steady State Power Dissipation at T
L = 75°C
P
M(AV)
2.8
W
Peak Pulse Power (tp =10/1000µs) - See Figure 1
P
PP
400
Watts
Maximum Instantaneous Forward Voltage at 20A
V
F
5.0
V
Typical Thermal Resistance Junction to Lead
RJL
100
°C/W
Typical Thermal Resistance Junction to Ambient
RJA
220
°C/W
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
DEVICE
MARKING
REVERSE
STAND-OFF
VOLTAGE
V
RWM
VOLTS
BREAKDOWN
VOLTAGE
V
(BR) @ IT
VOLTS
TEST
CURRENT
@ I
T
mA
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@ I
P
V
C
VOLTS
MAXIMUM
REVERSE
SURGE
CURRENT
@I
PP
AMPS
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@V
RWM
I
R
µA
MIN
MAX
PSMF5.0AL
AE
5.0
6.40
7.00
10
9.2
40.1
40
PSMF6.0AL
AG
6.0
6.67
7.37
10
10.3
35.9
40
PSMF6.5AL
AK
6.5
7.22
7.98
10
11.2
33.1
30
PSMF7.0AL
AM
7.0
7.78
8.60
10
12.0
30.9
30
PSMF7.5AL
AP
7.5
8.33
9.21
1
12.9
28.7
30
PSMF8.0AL
AR
8.0
8.89
9.83
1
13.6
27.2
20
PSMF9.0AL
AV
9.0
10.00
11.10
1
15.4
24.1
5
PSMF10AL
AX
10.0
11.10
12.30
1
17.0
23.5
2
PSMF11AL
AZ
11.0
12.20
13.50
1
18.2
22.0
1
PSMF12AL
BE
12.0
13.30
14.70
1
19.9
20.1
1
PSMF13AL
BG
13.0
14.40
15.90
1
21.5
18.6
1
PSMF14AL
BK
14.0
15.60
17.20
1
23.2
17.2
1
PSMF15AL
BM
15.0
16.70
18.50
1
24.4
16.4
1
PSMF17AL
BR
17.0
18.90
20.90
1
27.6
14.5
1
PSMF18AL
BT
18.0
20.00
22.10
1
29.2
13.7
1
PSMF20AL
BV
20.0
22.20
24.50
1
32.4
12.3
1
PSMF22AL
BX
22.0
24.40
26.90
1
35.5
11.3
1
PSMF24AL
BZ
24.0
26.70
29.50
1
38.9
10.3
1
PSMF26AL
CE
26.0
28.90
31.90
1
42.1
9.5
1
PSMF28AL
CG
28.0
31.10
34.40
1
45.4
8.8
1
PSMF30AL
CK
30.0
33.30
36.80
1
48.4
8.3
1
PSMF33AL
CM
33.0
36.70
40.60
1
53.3
7.5
1
PSMF36AL
CP
36.0
40.00
44.20
1
58.1
6.9
1
RTCA DO-160G COMPLIANT PRODUCT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com