Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMF12AL Datasheet(PDF) 1 Page - Protek Devices

Part # PSMF12AL
Description  400 WATT TVS COMPONENT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSMF12AL Datasheet(HTML) 1 Page - Protek Devices

  PSMF12AL Datasheet HTML 1Page - Protek Devices PSMF12AL Datasheet HTML 2Page - Protek Devices PSMF12AL Datasheet HTML 3Page - Protek Devices PSMF12AL Datasheet HTML 4Page - Protek Devices PSMF12AL Datasheet HTML 5Page - Protek Devices PSMF12AL Datasheet HTML 6Page - Protek Devices PSMF12AL Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
05600.R0 1/19
Page 1
PSMFxxAL Series
400 WATT TVS COMPONENT
ISO 9001: 2015 CERTIFIED
APPLICATIONS
• Consumer Electronics
• Automotive
• Telecommunications
• Aerospace
• Intelligent Control Systems
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air ±15kV, Contact ±8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 8/20µs Waveform
• 400 Watts Peak Pulse Power per Line (tp = 10/1000µs)
• Low Inductance
• Excellent Clamping Capability
• Unidirectional Configuration
• Low Leakage Current: < 1µA (Typical)
• Fast Response Time
• Available in Multiple Voltages
• RoHS Compliant
• REACH Compliant
MECHANICAL CHARACTERISTICS
• Molded SOD-123FL Package
• Approximate Weight: 0.0136 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 12mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
PIN CONFIGURATION
RTCA DO-160G COMPLIANT PRODUCT
SOD-123FL PACKAGE
DESCRIPTION
The PSMFxxAL Series is a transient voltage suppressor array, designed to protect applications such as consumer elec-
tronic products, automotive, telecommunications, aerospace and intelligent control systems. This series is available
in a unidirectional configuration. This series is rated for 400 Watts peak pulse power (10/1000µs) and is offered in a
space saving SOD-123FL package. The PSMFxxAL series meets IEC 61000-4-2 (ESD) and IEC 61000-4-4 (EFT) require-
ments.
1
2


Similar Part No. - PSMF12AL

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSMF12 PROTEC-PSMF12 Datasheet
96Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PSMF12 PROTEC-PSMF12 Datasheet
85Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PSMF12-LF-T7 PROTEC-PSMF12-LF-T7 Datasheet
85Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PSMF12-T7 PROTEC-PSMF12-T7 Datasheet
85Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
More results

Similar Description - PSMF12AL

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM07DF23K24 PROTEC-PAM07DF23K24 Datasheet
507Kb / 6P
3000 WATT TVS COMPONENT
PAM21SC790501H PROTEC-PAM21SC790501H Datasheet
445Kb / 6P
250 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
5000 WATT TVS COMPONENT
PLW0501H PROTEC-PLW0501H_12 Datasheet
445Kb / 6P
250 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
200 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
5000 WATT TVS COMPONENT
P4SMA PROTEC-P4SMA Datasheet
444Kb / 7P
400 WATT TVS COMPONENT
PAM37SDXXAL PROTEC-PAM37SDXXAL Datasheet
390Kb / 7P
400 WATT TVS COMPONENT
CAL PROTEC-CAL Datasheet
493Kb / 7P
400 Watt TVS component
PAM4SMA PROTEC-PAM4SMA Datasheet
500Kb / 7P
400 Watt TVS Component
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com