Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9278 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9278
Description  IC for 10.00 ??30.00 MHz VCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9278 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9278 Datasheet HTML 1Page - Micro Analog systems MAS9278 Datasheet HTML 2Page - Micro Analog systems MAS9278 Datasheet HTML 3Page - Micro Analog systems MAS9278 Datasheet HTML 4Page - Micro Analog systems MAS9278 Datasheet HTML 5Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DA9278.004
11 November, 2010
1 (5)
MAS9278
IC for 10.00 – 30.00 MHz VCXO
Low Power
Wide Supply Voltage Range
True Sine Wave Output
Very High Level of Integration
Integrated Varactor
Electrically Trimmable
Very Low Phase Noise
Low Cost
DESCRIPTION
The MAS9278 is an integrated circuit well suited to
build VCXO for mobile communication. The crystal
offset trimming is done through a serial bus and
the calibration information is stored in an internal
PROM.
To build a VCXO only one additional component, a
crystal, is needed.
FEATURES
APPLICATIONS
Very small size
Minor current draw
Wide operating temperature range
Phase noise <-130 dBc/Hz at 1 kHz offset
Programmable Vc sensitivity
VCXO for mobile phones
VCXO for other telecommunications systems
Replacement for TCXO modules
BLOCK DIAGRAM
DA
CLK
PV
VSS
VC
VDD
X2
OUT
X1
XO1
Digital
MAS9278
5
2
2


Similar Part No. - MAS9278

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9278 MAS-MAS9278 Datasheet
68Kb / 5P
IC for 10.00 - 30.00 MHz VCXO
MAS9278A MAS-MAS9278A Datasheet
68Kb / 5P
IC for 10.00 - 30.00 MHz VCXO
MAS9278ATG1 MAS-MAS9278ATG1 Datasheet
68Kb / 5P
IC for 10.00 - 30.00 MHz VCXO
MAS9278B1TG00 MAS-MAS9278B1TG00 Datasheet
68Kb / 5P
IC for 10.00 - 30.00 MHz VCXO
More results

Similar Description - MAS9278

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9275 MAS-MAS9275 Datasheet
223Kb / 10P
IC FOR 10.00 - 36.00 MHz VCXO
MAS1178 MAS-MAS1178 Datasheet
57Kb / 5P
IC FOR 10.00 - 20.00 MHz VCXO
MAS1175 MAS-MAS1175 Datasheet
123Kb / 9P
IC FOR 10.00 - 20.00 MHz VCTCXO
MAS9270 MAS-MAS9270 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9271 MAS-MAS9271 Datasheet
76Kb / 5P
IC FOR 10.00 - 40.00 MHz PXO
MAS9276 MAS-MAS9276 Datasheet
125Kb / 8P
IC for 10.00 - 30.00 MHz VCTCXO
MAS9278 MAS-MAS9278 Datasheet
68Kb / 5P
IC for 10.00 - 30.00 MHz VCXO
MAS9279 MAS-MAS9279 Datasheet
177Kb / 10P
IC FOR 10.00 - 52.00 MHz VCTCXO
MAS9281 MAS-MAS9281 Datasheet
76Kb / 6P
IC FOR 10.00 - 60.00 MHz XO
MAS9283 MAS-MAS9283 Datasheet
199Kb / 14P
IC FOR 10.00 - 56.00 MHz VCXO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com