Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9278A Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9278A
Description  IC for 10.00 ??30.00 MHz VCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9278A Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9278A Datasheet HTML 1Page - Micro Analog systems MAS9278A Datasheet HTML 2Page - Micro Analog systems MAS9278A Datasheet HTML 3Page - Micro Analog systems MAS9278A Datasheet HTML 4Page - Micro Analog systems MAS9278A Datasheet HTML 5Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DA9278.004
11 November, 2010
1 (5)
MAS9278
IC for 10.00 – 30.00 MHz VCXO
•
Low Power
•
Wide Supply Voltage Range
•
True Sine Wave Output
•
Very High Level of Integration
•
Integrated Varactor
•
Electrically Trimmable
•
Very Low Phase Noise
•
Low Cost
DESCRIPTION
The MAS9278 is an integrated circuit well suited to
build VCXO for mobile communication. The crystal
offset trimming is done through a serial bus and
the calibration information is stored in an internal
PROM.
To build a VCXO only one additional component, a
crystal, is needed.
FEATURES
APPLICATIONS
•
Very small size
•
Minor current draw
•
Wide operating temperature range
•
Phase noise <-130 dBc/Hz at 1 kHz offset
•
Programmable Vc sensitivity
•
VCXO for mobile phones
•
VCXO for other telecommunications systems
•
Replacement for TCXO modules
BLOCK DIAGRAM
DA
CLK
PV
VSS
VC
VDD
X2
OUT
X1
XO1
Digital
MAS9278
5
2
2


Similar Part No. - MAS9278A

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9278A MAS-MAS9278A Datasheet
68Kb / 5P
IC for 10.00 - 30.00 MHz VCXO
MAS9278ATG1 MAS-MAS9278ATG1 Datasheet
68Kb / 5P
IC for 10.00 - 30.00 MHz VCXO
More results

Similar Description - MAS9278A

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9275 MAS-MAS9275 Datasheet
223Kb / 10P
IC FOR 10.00 - 36.00 MHz VCXO
MAS1178 MAS-MAS1178 Datasheet
57Kb / 5P
IC FOR 10.00 - 20.00 MHz VCXO
MAS1175 MAS-MAS1175 Datasheet
123Kb / 9P
IC FOR 10.00 - 20.00 MHz VCTCXO
MAS9270 MAS-MAS9270 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9271 MAS-MAS9271 Datasheet
76Kb / 5P
IC FOR 10.00 - 40.00 MHz PXO
MAS9276 MAS-MAS9276 Datasheet
125Kb / 8P
IC for 10.00 - 30.00 MHz VCTCXO
MAS9278 MAS-MAS9278 Datasheet
68Kb / 5P
IC for 10.00 - 30.00 MHz VCXO
MAS9279 MAS-MAS9279 Datasheet
177Kb / 10P
IC FOR 10.00 - 52.00 MHz VCTCXO
MAS9281 MAS-MAS9281 Datasheet
76Kb / 6P
IC FOR 10.00 - 60.00 MHz XO
MAS9283 MAS-MAS9283 Datasheet
199Kb / 14P
IC FOR 10.00 - 56.00 MHz VCXO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com