Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6502 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6502
Description  Writing data to the EEPROM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6502 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6502_11 Datasheet HTML 1Page - Micro Analog systems MAS6502_11 Datasheet HTML 2Page - Micro Analog systems MAS6502_11 Datasheet HTML 3Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DAE6502.002
8 November 2011
2 (3)
EEPROM WRITE PROCEDURE
Figure 1. Flow chart for MAS6502 EEPROM write
START
INITIAL CONDITIONS
Optional: Reset device by XCLR or
by writing any data on the reset register 30HEX
POWER UP DEVICE
Connect supply voltage VDD
ENABLE EEPROM WRITE
Write 55HEX to the EEPROM write enable register 3BHEX
WAIT
Wait minimum 16ms after writing byte (8-bit) to EEPROM
STOP
DISABLE EEPROM WRITE
Write 00HEX to the EEPROM write enable register 3BHEX
WRITE DATA TO EEPROM (free memory area 41HEX…5FHEX)
Write data byte (8-bit) to selected EEPROM memory address
no
Write more data?
yes
VERIFY WRITTEN DATA
Read the written data byte (8-bit ) from the EEPROM memory address



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com