Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6502 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6502
Description  Writing data to the EEPROM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6502 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6502_11 Datasheet HTML 1Page - Micro Analog systems MAS6502_11 Datasheet HTML 2Page - Micro Analog systems MAS6502_11 Datasheet HTML 3Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DAE6502.002
8 November 2011
3 (3)
EEPROM WRITE PROCEDURE
See figure 1 on previous page showing the
EEPROM write procedure.
Make sure in the beginning of the EEPROM write
procedure that the MAS6502 initial conditions are
met.
Connecting
VDD
triggers
power-on-reset
(POR) but to make sure the device is reset an
additional reset can be given using the XCLR pin or
writing any data on the reset register 30HEX via I
2C
serial bus.
EEPROM write is enabled by writing value 55HEX to
EEPROM write enable register 3BHEX. Any other
value in this register disables the EEPROM write.
The default register value after power on is 00HEX.
Next the data can be written to the EEPROM
memory one byte (8-bit) at a time. It is necessary to
have a delay of minimum 16ms after programming
each byte (8-bit). The success of each write can be
verified by reading back the data (8-bit) and
comparing it to the original byte (8-bit).
After all data bytes are written the EEPROM
memory can be protected from write and erasing by
writing 00HEX to the EEPROM write enable register
3BHEX.
Table 1 below shows the MAS6502 register and
EEPROM data addresses. See also the MAS6502
datasheet for further details of registers, EEPROM
and serial bus communication.
REGISTER AND EEPROM DATA ADDRESSES
Table 1. Register and EEPROM data addresses
A7
A6
A5
A4
A3
A2
A1
A0
HEX
(X=0)
Description
Note
X
0
0
0
0
0
0
0
00
EEPROM; erase internal clock oscillator
trimming, reserved!
E
X
0
0
A4
A3
A2
A1
A0
01…1F
EEPROM; erase data at address [A4:A0]
E
X
1
0
0
0
0
0
0
40
EEPROM; read or write internal clock
oscillator trimming, reserved!
E
X
1
0
A4
A3
A2
A1
A0
41…5F
EEPROM; read or write data at
address [A4:A0]
E
X
X
1
1
0
0
0
0
30
Reset register; contains no data,
write any data for reset
R
X
X
1
1
0
1
1
1
37
Test and trim control register
R
X
X
1
1
1
0
0
0
38
Oscillator frequency control register
R
X
X
1
1
1
0
0
1
39
Data input register for EEPROM
R
X
X
1
1
1
0
1
0
3A
Control register for EEPROM
R
X
X
1
1
1
0
1
1
3B
Write and erase enable for EEPROM
R
X
X
1
1
1
1
0
0
3C
Status register for EEPROM
R
X
X
1
1
1
1
0
1
3D
MSB conversion result
R
X
X
1
1
1
1
1
0
3E
LSB conversion result
R
X
X
1
1
1
1
1
1
3F
ADC control register
R
X = Don’t care, E = EEPROM, R= Register
MICRO ANALOG SYSTEMS OY CONTACTS
Micro Analog Systems Oy
Kutomotie 16
FI-00380 Helsinki, FINLAND
Tel. +358 10 835 1100
Fax +358 10 835 1109
http://www.mas-oy.com
NOTICE
Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or
performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits
shown in this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no
claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and
Micro Analog Systems Oy makes no claim or warranty that such applications will be suitable for the use specified without further testing or
modification.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com