Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6240C Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6240C
Description  Piezo Driver with Multi-Mode Charge Pump
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6240C Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6240C Datasheet HTML 1Page - Micro Analog systems MAS6240C Datasheet HTML 2Page - Micro Analog systems MAS6240C Datasheet HTML 3Page - Micro Analog systems MAS6240C Datasheet HTML 4Page - Micro Analog systems MAS6240C Datasheet HTML 5Page - Micro Analog systems MAS6240C Datasheet HTML 6Page - Micro Analog systems MAS6240C Datasheet HTML 7Page - Micro Analog systems MAS6240C Datasheet HTML 8Page - Micro Analog systems MAS6240C Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DA6240C.007
17 October, 2016
3 (13)
The voltage ripple at VOUT output is approximately proportional to ratio of piezo load capacitance and charge
pump output capacitor (COUT). Thus the output ripple can be reduced by choosing COUT which is much larger
relative to piezo capacitance value. However the COUT should not be chosen too large since it lengthens output
voltage rise time and increases inrush current drawn from input. For low inrush current the CIN should be made
much larger than the COUT.
Table 2 presents charge pump boosting modes selected by control pins EN1 and EN2.
Table 2. Charge Pump boosting mode selection
DIN
EN1
EN2
Charge Pump
0
-
-
OFF
1
0
0
OFF
1
0
1
1x Mode (VIN)
1
1
0
2x Mode (2xVIN)
1
1
1
3x Mode (3xVIN)
Note: In above table pulsed signal at digital input DIN is taken as “1” if pulse low time is less than 5 ms!
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VIN
Charge pump in 1x mode.
Charge pump in 2x or 3x mode.
-0.3
-0.3
5.5
4.0
V
Outputs and Flying
Capacitors Pins Voltages
VOUT,
CP2, VO1,
VO2
-0.3
12
V
CP1, CN2,
-0.3
8
V
Voltage Range for Input
Pins
DIN,
EN1, EN2,
CN1
-0.3
VIN + 0.3
V
VOUT Short-Circuit
Duration
tSC
Valid for C1 version which has
short circuit limitation.
Indefinite
Storage Temperature
-55
+150
o
C
ESD Rating
Human Body Model (HBM)
±2
kV
Note: Stresses beyond the values listed may cause a permanent damage to the device. The device may not
operate under these conditions, but it will not be destroyed.
RECOMMENDED OPERATING CONDITIONS
All voltages with respect to ground.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Junction
Temperature
TJ
-40
+125
°C
Operating Ambient
Temperature
TA
-40
+27
+85
°C
Operating Supply Voltage
VIN
2.2
3.0
3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com