Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6240C Datasheet(PDF) 13 Page - Micro Analog systems

Part # MAS6240C
Description  Piezo Driver with Multi-Mode Charge Pump
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6240C Datasheet(HTML) 13 Page - Micro Analog systems

Back Button MAS6240C Datasheet HTML 5Page - Micro Analog systems MAS6240C Datasheet HTML 6Page - Micro Analog systems MAS6240C Datasheet HTML 7Page - Micro Analog systems MAS6240C Datasheet HTML 8Page - Micro Analog systems MAS6240C Datasheet HTML 9Page - Micro Analog systems MAS6240C Datasheet HTML 10Page - Micro Analog systems MAS6240C Datasheet HTML 11Page - Micro Analog systems MAS6240C Datasheet HTML 12Page - Micro Analog systems MAS6240C Datasheet HTML 13Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
DA6240C.007
17 October, 2016
13 (13)
ORDERING INFORMATION
Product Code
Product
Package
Comments
MAS6240C1HP06
Piezo Driver with Input
Current Limiting
QFN 3x3x0.75 12ld, Pb Free,
RoHS Compliant, MSL=1
Ø13” Tape and Reel
5000 pcs / r
MAS6240C1HP09
Piezo Driver with Input
Current Limiting
QFN 3x3x0.75 12ld, Pb Free,
RoHS Compliant, MSL=1
Tape 500 pcs
MAS6240C2Q2106
Piezo Driver without Input
Current Limiting
QFN 2x2x0.5 12ld, Pb Free,
RoHS Compliant, MSL=1
Ø7” Tape and Reel
3000 pcs / r
MAS6240C2HP06
Piezo Driver without Input
Current Limiting
QFN 3x3x0.75 12ld, Pb Free,
RoHS Compliant, MSL=1
Ø13” Tape and Reel
5000 pcs / r
MAS6240C2HP09
Piezo Driver without Input
Current Limiting
QFN 3x3x0.75 12ld, Pb Free,
RoHS Compliant, MSL=1
Tape 500 pcs
MAS6240D1TC00
Piezo Driver, Input Current
Limiting Selectable by
Bonding
EWS Tested 8” wafers,
thickness 395 μm
MAS6240D1TC05
Piezo Driver, Input Current
Limiting Selectable by
Bonding
395 μm thick dies in waffle pack
The formation of product code
An example for MAS6240C1HP06:
MAS6240
C
1
HP
06
Product name
Design version
Product
Version
Package:
HP = QFN 3 x 3 x 0.75
Q21 = QFN 2 x 2 x 0.5
(Pb free, RoHS compliant)
Delivery format:
00 = Tested Wafer
05 = Tested Dies
06 = Tape and Reel
09 = Tape
LOCAL DISTRIBUTOR
MICRO ANALOG SYSTEMS OY CONTACTS
Micro Analog Systems Oy
Kutomotie 16
FI-00380 Helsinki, FINLAND
Tel. +358 10 835 1100
Fax +358 10 835 1119
http://www.mas-oy.com
NOTICE
Micro Analog Systems Oy (MAS) reserves the right to make changes to the products contained in this data sheet in order to improve the
design or performance and to supply the best possible products. MAS assumes no responsibility for the use of any circuits shown in this
data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no claim that the
circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and MAS makes no
claim or warranty that such applications will be suitable for the use specified without further testing or modification.
MAS products are not authorized for use in safety-critical applications (such as life support) where a failure of the MAS product would
reasonably be expected to cause severe personal injury or death. Buyers represent that they have all necessary expertise in the safety and
regulatory ramifications of their applications, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-
related requirements concerning their products and any use of MAS products in such safety-critical applications, notwithstanding any
applications-related information or support that may be provided by MAS. Further, Buyers must fully indemnify MAS and its representatives
against any damages arising out of the use of MAS products in such safety-critical applications.
MAS products are neither designed nor intended for use in military/aerospace applications or environments. Buyers acknowledge and
agree that any such use of MAS products which MAS has not designated as military-grade is solely at the Buyer's risk, and that they are
solely responsible for compliance with all legal and regulatory requirements in connection with such use.
MAS products are neither designed nor intended for use in automotive applications or environments. Buyers acknowledge and agree that,
if they use any non-designated products in automotive applications, MAS will not be responsible for any failure to meet such requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com