Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6116 Datasheet(PDF) 16 Page - Micro Analog systems

Part # MAS6116
Description  Stereo Digital Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6116 Datasheet(HTML) 16 Page - Micro Analog systems

Back Button MAS6116_17 Datasheet HTML 12Page - Micro Analog systems MAS6116_17 Datasheet HTML 13Page - Micro Analog systems MAS6116_17 Datasheet HTML 14Page - Micro Analog systems MAS6116_17 Datasheet HTML 15Page - Micro Analog systems MAS6116_17 Datasheet HTML 16Page - Micro Analog systems MAS6116_17 Datasheet HTML 17Page - Micro Analog systems MAS6116_17 Datasheet HTML 18Page - Micro Analog systems MAS6116_17 Datasheet HTML 19Page - Micro Analog systems MAS6116_17 Datasheet HTML 20Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16 (20)
DA6116.010
5 October, 2017
APPLICATION INFORMATION
Application Note 3
– Single supply voltage usage
Single supply voltage circuit below is based on signal AC coupling and biasing output opamp in the middle point
of supply voltages. Note that only right channel circuit is presented. The left channel circuit would be exactly the
same. The component values have been chosen to limit overall lower corner frequency to about 10 Hz.
Application Note 4
– Lower supply voltage MCU communication example 1
If the serial control interface is driven from an MCU that operates from a lower supply voltage compared to the 5V
supply voltage, used by MAS6116, level shifting is needed to get correct digital signal levels in the communication.
The bi-directional DATA line requires additionally level shifting in both directions. The figure below shows an
example of a serial interface level shifting between 3V and 5V voltage supplies. In this example level shifters with
output enable function are used. The output enable function is used to disable the level shifter output when the
MAS6116 bi-directional data line direction changes.
MAS6116
DATA
+5V
+5V
DVDD
AVDD
CLK
XCS
XMUTE
MCU
+3V
GPIO
GPIO
GPIO
GPIO
VDD
GPIO
GPIO
+5V
+5V
OE
+5V
+5V
+3V
AVCC
DVCC
+ 5V supply
MAS6116
RFO
(Right Channel)
1M
1M
IN
10
F
+
10
F OUT (inverted)
RIN
RMO
-
100nF
1M
10k
RGND
DGND
LGND
AGND
10
F
AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com