Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6116 Datasheet(PDF) 18 Page - Micro Analog systems

Part # MAS6116
Description  Stereo Digital Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6116 Datasheet(HTML) 18 Page - Micro Analog systems

Back Button MAS6116_17 Datasheet HTML 12Page - Micro Analog systems MAS6116_17 Datasheet HTML 13Page - Micro Analog systems MAS6116_17 Datasheet HTML 14Page - Micro Analog systems MAS6116_17 Datasheet HTML 15Page - Micro Analog systems MAS6116_17 Datasheet HTML 16Page - Micro Analog systems MAS6116_17 Datasheet HTML 17Page - Micro Analog systems MAS6116_17 Datasheet HTML 18Page - Micro Analog systems MAS6116_17 Datasheet HTML 19Page - Micro Analog systems MAS6116_17 Datasheet HTML 20Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18 (20)
DA6116.010
5 October, 2017
SO-16 PACKAGE OUTLINE
All dimensions are in accordance with JEDEC standard MS-013.
SOLDERING INFORMATION
 For Lead-Free / Green
Resistance to Soldering Heat
According to RSH test IEC 68-2-58/20
Maximum Temperature
260
C
Maximum Number of Reflow Cycles
3
Reflow profile
Thermal profile parameters stated in IPC/JEDEC J-STD-020
should not be exceeded. http://www.jedec.org
Lead Finish
Solder plate 7.62 - 25.4 µm, material Matte Tin
 Rework guideline
According to JEDEC standard J-STD-020C the moisture sensitivity level (MSL) 3 package SO-16 can withstand
maximum 260
C peak temperature for 20-40 seconds. The replacement part needs to be installed within 168
hours after opening of the moisture barrier bag or otherwise the part needs to be re-baked.
PLANE
SEATING
5° TYP.
10.50
10.10
PIN 1
1.27
TYP.
0.36
0.48
5°TYP
0.33 x 45°
0.86 TYP.
16 LEAD SO OUTLINE (300 MIL BODY)
0-0.13
RAD.
5° TYP.
5° TYP.
5° TYP.
0.25 RAD.
MIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com