Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS4004D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PBLS4004D
Description  40 V PNP BISS loadswitch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBLS4004D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PBLS4004D Datasheet HTML 2Page - NXP Semiconductors PBLS4004D Datasheet HTML 3Page - NXP Semiconductors PBLS4004D Datasheet HTML 4Page - NXP Semiconductors PBLS4004D Datasheet HTML 5Page - NXP Semiconductors PBLS4004D Datasheet HTML 6Page - NXP Semiconductors PBLS4004D Datasheet HTML 7Page - NXP Semiconductors PBLS4004D Datasheet HTML 8Page - NXP Semiconductors PBLS4004D Datasheet HTML 9Page - NXP Semiconductors PBLS4004D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
9397 750 15097
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02— 19 July 2005
6 of 15
Philips Semiconductors
PBLS4004D
40 V PNP BISS loadswitch
7.
Characteristics
Ceramic PCB, Al2O3, standard footprint
Fig 4.
TR1 (PNP): Transient thermal impedance from junction to ambient as a function of pulse time; typical
values
006aaa464
10
1
102
103
Zth(j-a)
(K/W)
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
0.75
0.5
0.33
0.2
0.1
δ = 1
0.05
0.02
0.01
0
Table 7:
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TR1; PNP low VCEsat transistor
ICBO
collector-base cut-off
current
VCB = −40 V; IE =0A
-
-
−0.1
µA
VCB = −40 V; IE =0A;
Tj = 150 °C
--
−50
µA
ICES
collector-emitter
cut-off current
VCE = −30 V; VBE =0V
-
-
−0.1
µA
IEBO
emitter-base cut-off
current
VEB = −5 V; IC =0A
-
-
−0.1
µA
hFE
DC current gain
VCE = −5 V; IC = −1 mA
300
-
-
VCE = −5 V; IC = −100 mA
[1] 300
-
800
VCE = −5 V; IC = −500 mA
[1] 215
-
-
VCE = −5 V; IC = −1A
[1] 150
-
-
VCEsat
collector-emitter
saturation voltage
IC = −100 mA; IB = −1mA
-
−80
−140
mV
IC = −500 mA; IB = −50 mA
[1] -
−120
−170
mV
IC = −1 A; IB = −100 mA
[1] -
−220
−310
mV
RCEsat
collector-emitter
saturation resistance
IC = −500 mA; IB = −50 mA
[1] -
240
340
m
Ω
VBEsat
base-emitter
saturation voltage
IC = −1 A; IB = −50 mA
[1] --
−1.1
V
VBEon
base-emitter
turn-on voltage
VCE = −5 V; IC = −1A
[1] --
−1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com