Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS4004D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PBLS4004D
Description  40 V PNP BISS loadswitch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBLS4004D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PBLS4004D Datasheet HTML 4Page - NXP Semiconductors PBLS4004D Datasheet HTML 5Page - NXP Semiconductors PBLS4004D Datasheet HTML 6Page - NXP Semiconductors PBLS4004D Datasheet HTML 7Page - NXP Semiconductors PBLS4004D Datasheet HTML 8Page - NXP Semiconductors PBLS4004D Datasheet HTML 9Page - NXP Semiconductors PBLS4004D Datasheet HTML 10Page - NXP Semiconductors PBLS4004D Datasheet HTML 11Page - NXP Semiconductors PBLS4004D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
9397 750 15097
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02— 19 July 2005
8 of 15
Philips Semiconductors
PBLS4004D
40 V PNP BISS loadswitch
VCE = −5V
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Fig 5.
TR1 (PNP): DC current gain as a function of
collector current; typical values
Fig 6.
TR1 (PNP): Collector-emitter saturation voltage
as a function of collector current; typical values
VCE = −5V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
IC/IB =20
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
Fig 7.
TR1 (PNP): Base-emitter voltage as a function
of collector current; typical values
Fig 8.
TR1 (PNP): Base-emitter saturation voltage as a
function of collector current; typical values
006aaa465
400
800
1200
hFE
0
IC (mA)
−10−1
−104
−103
−1
−102
−10
(2)
(3)
(1)
006aaa466
IC (mA)
−10−1
−104
−103
−1
−102
−10
−10−1
−1
VCEsat
(mV)
−10−2
(3)
(1)
(2)
006aaa467
−0.6
−0.4
−0.8
−1.0
VBE
(V)
−0.2
IC (mA)
−10−1
−104
−103
−1
−102
−10
(3)
(1)
(2)
006aaa468
−0.5
−0.9
−1.3
VBEsat
(V)
−0.1
IC (mA)
−10−1
−104
−103
−1
−102
−10
(2)
(3)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com