Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTOP100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RTOP100
Description  Power Resistors for Mounting onto a Heatsink Thick Film Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RTOP100 Datasheet(HTML) 2 Page - Vishay Siliconix

  RTOP100 Datasheet HTML 1Page - Vishay Siliconix RTOP100 Datasheet HTML 2Page - Vishay Siliconix RTOP100 Datasheet HTML 3Page - Vishay Siliconix RTOP100 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document Number: 50045
Revision 14-Jan-05
www.vishay.com
28
RTOP
Vishay Sfernice
For technical questions, contact sfer@vishay.com
MODEL
RTOP 200
RTOP 100
DRTOP 100
DRTOP 50
Power Rating at + 25°C
chassis mounted resistors
200W
100W
100W
50W
unmounted resistors
5W
5W
3.5W
3.5W
Thermal Resistance (per resistor)
0.5°C/W
1°C/W
0.5°C/W
1°C/W
Limiting Voltage
1500V
1500V
500V
500V
Dielectric Strength*
2500V, 1 Minute
2500V, 1 Minute
2500V, 1 Minute
2500V, 1 Minute
connections/chassis
10mA Max
10mA Max
10mA Max
10mA Max
Dielectric Strength*
-
-
2500V, 1 Minute
2500V, 1 Minute
connections/resistors
10mA Max
10mA Max
Ohmic Value Range
0.046 to 1MΩ
0.092 to 1MΩ
Tolerance
± 1% to ± 10%
± 1% to ± 10%
Electrical Diagrams
R
R
R2
R1
SPECIAL FEATURES
Shunt Version
TESTS
CONDITIONS
TYPICAL DRIFTS
Momentary Overload
NF EN 140000 CEI 115_1
< ± (0.25% + 0.05Ω)
2.5Pn/5 seconds
Rapid Temperature Change
NF EN 140000 CEI 68214 Test Na
< ± (0.25% + 0.05Ω)
5 cycles - 55°C +125°C
Load Life
NF EN 140000 CEI 115_1
< ± (0.5% + 0.05Ω)
Pn at 25°C 1000 hours
Humidity (steady state)
MIL STD 202 Method 103 B Test D
< ± (0.5% + 0.05Ω)
56 days 95% R.H.
PERFORMANCE
Power Resistors for Mounting onto a Heatsink
Thick Film Technology
*MIL STD 202 Method 301



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com