Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTOP100 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RTOP100
Description  Power Resistors for Mounting onto a Heatsink Thick Film Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RTOP100 Datasheet(HTML) 3 Page - Vishay Siliconix

  RTOP100 Datasheet HTML 1Page - Vishay Siliconix RTOP100 Datasheet HTML 2Page - Vishay Siliconix RTOP100 Datasheet HTML 3Page - Vishay Siliconix RTOP100 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
29
RTOP
Vishay Sfernice
Document Number: 50045
Revision 14-Jan-04
For technical questions, contact sfer@vishay.com
CHOICE OF HEATSINK
The user must choose the heatsink according to the working conditions of the component (power, room temperature).
Maximum working temperature must not exceed 125°C. The dissipated power is simply calculated by the following ratio:
P =
P:
expressed in W
∆T:
difference between maximum working temperature and room temperature.
RTH: (j-c): thermal resistance value measured between resistive layer and outer side of the resistor. It is the thermal
resistance of the component (see Table Special Features).
RTH: (c-a): thermal resistance value measured between outer side of the resistor and room temperature. It is the
thermal resistance of the heatsink depending on the heatsink itself (type, shape) and the quality of the fastening
device.
Example:
RTH: (c-a) for RTOP 200 power rating 130W at ambient temperature + 30°C.
Thermal resistance (see table 1) RTH (j-c): 0.5°C/W
∆T ≤ 125°C - 30°C - ≤ 95°C
RTH (j-c) + RTH (c-a) =
=
= 0.73°C/W
RTH (j-c) ≤ 0.5°C/W
RTH
(c-a) ≤ 0.73°C/W - 0.5°C/W ≤ 0.23°C/W
∆T
[RTH (j-c) + RTH (c-a)]
(1)
RECOMMENDATIONS FOR MOUNTING ONTO A HEATSINK
Surfaces in contact must be carefully cleaned.
The heatsink must have an acceptable flatness: from 0.05mm to 0.1mm/100mm.
Roughness of the heater must be around 6.3µm.
In order to improve thermal conductivity, surfaces in contact (alumina, heatsink) are laid on with a silicone grease (type SI 340
from Rhône-Poulenc or Dow 340 from Dow Corning).
Tightening torque on heater: 2 Nm
For the electrical connections, it is recommended to use M4 x 6 screws and if necessary a washer of 1mm thickness. The
recommended screw tightening torque is 1 Nm.
130
∆T
P
95
Power Resistors for Mounting onto a Heatsink
Thick Film Technology



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com