Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3418 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3418
Description  Dual Bootstrapped 12 V MOSFET Driver with Output Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3418 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3418 Datasheet HTML 7Page - Analog Devices ADP3418 Datasheet HTML 8Page - Analog Devices ADP3418 Datasheet HTML 9Page - Analog Devices ADP3418 Datasheet HTML 10Page - Analog Devices ADP3418 Datasheet HTML 11Page - Analog Devices ADP3418 Datasheet HTML 12Page - Analog Devices ADP3418 Datasheet HTML 13Page - Analog Devices ADP3418 Datasheet HTML 14Page - Analog Devices ADP3418 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADP3418
Rev. B | Page 11 of 16
The MOSFET vendor should provide a maximum voltage slew
rate at drain current rating such that this can be designed
around. Once you have this specification, the next step is to
determine the maximum current you expect to see in the
MOSFET. This can be done with the following equation:
()
OUT
MAX
MAX
OUT
DC
MAX
L
f
D
V
VCC
phase
per
I
I
×
×
−
+
=
)
(
(5)
Here, DMAX is determined for the VR controller being used with
the driver. Please note this current gets divided roughly equally
between MOSFETs if more than one is used (assume a worst-
case mismatch of 30% for design margin). LOUT is the output
inductor value.
When producing your design, there is no exact method for
calculating the dV/dt due to the parasitic effects in the external
MOSFETs as well as the PCB. However, it can be measured to
determine if it is safe. If it appears the dV/dt is too fast, an
optional gate resistor can be added between DRVH and the
high-side MOSFETs. This resistor will slow down the dV/dt, but
it will also increase the switching losses in the high-side
MOSFETs. The ADP3418 has been optimally designed with an
internal drive impedance that will work with most MOSFETs to
switch them efficiently yet minimize dV/dt. However, some
high-speed MOSFETs may require this external gate resistor
depending on the currents being switched in the MOSFET.
Low-Side (Synchronous) MOSFETs
The low-side MOSFETs are usually selected to have a low on-
resistance to minimize conduction losses. This usually implies a
large input gate capacitance and gate charge. The first concern is
to make sure the power delivery from the ADP3418’s DRVL
does not exceed the thermal rating of the driver (see the Flex-
mode controller data sheet for details).
The next concern for the low-side MOSFETs is based on
preventing them from inadvertently being switched on when
the high-side MOSFET turns on. This occurs due to the drain-
gate (Miller, also specified as Crss) capacitance of the MOSFET.
When the drain of the low-side MOSFET is switched to VCC by
the high-side turning on (at a rate dV/dt), the internal gate of
the low-side MOSFET will be pulled up by an amount roughly
equal to VCC × (Crss/Ciss). It is important to make sure this does
not put the MOSFET into conduction.
Another consideration is the non-overlap circuitry of the
ADP3418 which attempts to minimize the non-overlap period.
During the state of the high-side turning off to low-side turning
on, the SW pin is monitored (as well as the conditions of SW
prior to switching) to adequately prevent overlap.
However, during the low-side turn off to high-side turn on, the
SW pin does not contain information for determining the
proper switching time, so the state of the DRVL pin is
monitored to go below one sixth of VCC and then a delay is
added. But due to the Miller capacitance and internal delays of
the low-side MOSFET gate, one must ensure the Miller to input
capacitance ratio is low enough and the low-side MOSFET
internal delays are not large enough to allow accidental turn on
of the low-side when the high-side turns on.
A spreadsheet is available from ADI that will assist the designer
in the proper selection of low-side MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com