Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC100B Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # JC100B
Description  JC050B
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JC100B Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button JC100B Datasheet HTML 8Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 9Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 10Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 11Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 12Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 13Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 14Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 15Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Tyco Electronics Corp.
13
Data Sheet
October 1997
18 Vdc to 36 Vdc Input, 12 Vdc Output; 50 W to 100 W
JC050B, JC075B, JC100B Power Modules: dc-dc Converters;
Thermal considerations (continued)
Heat Transfer with Heat Sinks (continued)
Example
If an 85 °C case temperature is desired, what is the
minimum airflow necessary? Assume the JC100B
module is operating at nominal line and an output cur-
rent of 8.5 A, maximum ambient air temperature of
40 °C, and the heat sink is 0.5 in.
Solution
Given: VI = 28 V
IO = 8.5 A
TA = 40 °C
TC = 85 °C
Heat sink = 0.5 in.
Determine PD by using Figure 24:
PD = 20 W
Then solve the following equation:
Use Figure 25 to determine air velocity for the0.5 inch
heat sink.
The minimum airflow necessary for the JC100B mod-
ule is 1.7 m/s (340 ft./min.).
Custom Heat Sinks
A more detailed model can be used to determine the
required thermal resistance of a heat sink to provide
necessary cooling. The total module resistance can be
separated into a resistance from case-to-sink (
θcs) and
sink-to-ambient (
θsa) shown below (Figure 26).
8-1304
Figure 26. Resistance from Case-to-Sink and
Sink-to-Ambient
For a managed interface using thermal grease or foils,
a value of
θcs = 0.1 °C/W to 0.3 °C/W is typical. The
solution for heat sink resistance is:
This equation assumes that all dissipated power must
be shed by the heat sink. Depending on the user-
defined application environment, a more accurate
model, including heat transfer from the sides and bot-
tom of the module, can be used. This equation pro-
vides a conservative estimate for such instances.
Layout Considerations
Copper paths must not be routed beneath the power
module mounting inserts.
θca
TC
TA
–
()
PD
------------------------
=
θca
85
40
–
()
20
------------------------
=
θca
2.3
°C/W
=
PD
TC
TS
TA
θcs
θsa
→
θsa
TC
TA
–
()
PD
-------------------------
θcs
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com