Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC100B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # JC100B
Description  JC050B
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JC100B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  JC100B Datasheet HTML 1Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 2Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 3Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 4Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 5Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 6Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 7Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 8Page - List of Unclassifed Manufacturers JC100B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Tyco Electronics Corp.
Data Sheet
October 1997
18 Vdc to 36 Vdc Input, 12 Vdc Output; 50 W to 100 W
JC050B, JC075B, JC100B Power Modules: dc-dc Converters;
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions.
Table 1. Input Specifications
Fusing Considerations
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This encapsulated power module can be used in a wide variety of applications, ranging from simple stand-alone
operation to an integrated part of a sophisticated power architecture. To preserve maximum flexibility, internal fus-
ing is not included; however, to achieve maximum safety and system protection, always use an input line fuse. The
safety agencies require a normal-blow, dc f use with a maximum rating of 20 A (see Safety Considerations section).
Based on the information provided in this data sheet on inrush energy and maximum dc input current, the same
type of fuse with a lower rating can be used. Refer to the fuse manufacturer’s data for further information.
Parameter
Symbol
Min
Max
Unit
Input Voltage:
Continuous
Transient (100 ms)
VI
VI, trans
—
—
40
50
Vdc
Vdc
I/O Isolation Voltage
—
—
1500
Vdc
Operating Case Temperature
(See Thermal Considerations section.)
TC
–40
100
°C
Storage Temperature
Tstg
–40
110
°C
Parameter
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VI
18
28
36
Vdc
Maximum Input Current
(VI = 0 V to 36 V; IO = IO, max):
JC050B (See Figure 1)
JC075B (See Figure 2)
JC100B (See Figure 3.)
II, max
II, max
II, max
—
—
—
—
—
—
5.0
7.0
9.0
A
A
A
Inrush Transient
i2t—
—
1.0
A2s
Input Reflected-ripple Current, Peak-to-peak
(5 Hz to 20 MHz, 12 µH source impedance;
see Figure 11.)
——
5
—
mAp-p
Input Ripple Rejection (120 Hz)
—
—
60
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com