Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2000C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # M2000C
Description  PIR Light Controller for 3-Wire Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M2000C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  M2000C Datasheet HTML 1Page - List of Unclassifed Manufacturers M2000C Datasheet HTML 2Page - List of Unclassifed Manufacturers M2000C Datasheet HTML 3Page - List of Unclassifed Manufacturers M2000C Datasheet HTML 4Page - List of Unclassifed Manufacturers M2000C Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MOS (PTY) LTD.
Microsystems On Silicon
Member of ELMOS Semiconductor AG
M2000C
PIR Light Controller
for 3-Wire Applications
www.mos.co.za
Page 5 of 5
Rev. 1.0
Device Pin Out________________________________________________
Pin No.
Name
Description
1
BRIGHT
Set maximum brightness of light
2
FADE
Set fading time of light
3
SENS
Set sensitivity threshold for switching light on
4
ON-TIME
Set light on time
5
TCOMP
Temperature compensation input
6
DARK
Dark mode input, connected to LDR/Photodiode
7
SWIN
ON-AUTO-OFF select input
8
VSW
Input voltage sensor
9
ACIN
Mains power in (rectifier)
10
VDDA
Analog supply
11
TEST
Reserved test mode, connect to VSS
12
TOG
Selects Toggle Mode
13
RETRIG
Selects Re-trigger mode
14
PIRIN
PIR sensor input
15
VSSA
Analog ground
16
VSS
Digital ground
17
RELAY
Relay Output, push-pull
18
TRIAC
TRIAC gate signal, push-pull
19
VDD
Digital supply
20
CLOCK
Set oscillator frequency
Table 6: Device Pin Out
Component Values____________________________________________
Designator
Description
R1
88kΩ (230V~) 1/2W
44kΩ (110V~) 1/2W
R2, R3
1MΩ
R4
10kΩ
R5
470kΩ
R6
180kΩ
R7
18kΩ
R8
33kΩ
P1, P2, P3, P4
47kΩ Trim pot
C1
10nF
C2
100nF
C4
470µF, 16V
C3,C5
470nF
IRA1
LHI 878, Perkin Elmer
Q1
BT136 TRIAC 600V, 4A
L1
CX1
Inductor 100..1500µH
100..220nF, class X (dependent on local EMC regulations)
N1
NTC 47k
LDR1*
Light Dependant Resistor
P5*
Trim pot
Table 7: Component Values for Application Circuit
Contact Information___________
Microsystems On Silicon (PTY) Ltd.
Pretoria, South Africa
Tel: +27 (12) 348 8367
Fax: +27 (12) 348 1790
Email: sales@mos.co.za
Visit our website for the latest information
Ordering Information__________
M2000C-DIP20 (Dual-in-line plastic)
M2000C-SO20-300 (Surface mount, 300 mills)
M2000C-DIE (Unpackaged devices)
Other packages are available on request.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com