Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2000C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M2000C
Description  PIR Light Controller for 3-Wire Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M2000C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M2000C Datasheet HTML 1Page - List of Unclassifed Manufacturers M2000C Datasheet HTML 2Page - List of Unclassifed Manufacturers M2000C Datasheet HTML 3Page - List of Unclassifed Manufacturers M2000C Datasheet HTML 4Page - List of Unclassifed Manufacturers M2000C Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOS (PTY) LTD.
Microsystems On Silicon
Member of ELMOS Semiconductor AG
M2000C
PIR Light Controller
for 3-Wire Applications
www.mos.co.za
Rev. 1.0
General Description___________
The M2000C integrated circuit combines all required
functions for a single chip Passive Infra Red (PIR) light
controller.
It is designed for load switching with a TRIAC or a relay
in 3 wire systems.
A conventional PIR sensor connects directly to the PIR
input. The pull-down resistor and DC decoupling
circuitry are integrated on chip. The PIR signal is
converted to a 15 bit digital value.
External potentiometers or resistors are used to set the
operating
parameters
for
sensitivity,
on-time,
brightness, fade, daylight sensor and environment
temperature correction. The corresponding voltage
levels are converted to digital values with a 4 bit
resolution
All
signal
processing
is
performed
digitally.
Applications_________________
♦ Outdoor and indoor motion sensor lights
♦ High end lighting switches
♦ Automatic bedroom night lights
♦ Energy saving
Features_____________________
♦ Digital signal processing
♦ On chip rectifier and supply regulator
♦ Low power consumption
♦ Temperature compensation input
♦ Adjustable soft on/off switching (fading)
♦ Dimmer function
♦ Inductive load switching
♦ Capacitive load on/off switching
♦ Four quadrant TRIAC driver
♦ Suitable for 115V/60Hz and 230V/50Hz applications
♦ Low TRIAC switching noise
Application Circuit_____________________________________________
Q1
R1
C2
C1
C3
C4
LIVE
NEUTRAL
R5
S1
LDR1
L1
VSS
P1
P2
P3
P4
P5
R4
VDD
PIRIN
14
VSSA
15
VSS
16
ON-TIME
4
SENS
3
BRIGHT
1
TRIAC
18
ACIN
9
VDDA
10
DARK
6
TCOMP
5
TOG
12
RETRIG
13
RELAY
17
VDD
19
SWIN
7
CLOCK
20
FADE
2
VSW
8
TEST
11
U1
M2000C
IRA1
C5
R3
R6
VSS
R8
VDD
R2
VDD
VDD
VDD
VSS
ON
AUTO
OFF
Cx1
R7
VDD
NTC
N1


Similar Part No. - M2000C

ManufacturerPart #DatasheetDescription
logo
GSI Group, Inc.
M2000 MICROESYS-M2000 Datasheet
596Kb / 10P
Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
logo
ML Accessories Limited....
M2000 KNIGHTSBRIDGE-M2000 Datasheet
245Kb / 1P
Metal Clad 10AX 1G 2-way Switch
11/04/2024
logo
Littelfuse
M2000 LITTELFUSE-M2000 Datasheet
165Kb / 2P
terminations and adapt ers
May 2012
logo
Amphenol Corporation
M2000-109118 AMPHENOL-M2000-109118 Datasheet
1Mb / 32P
D-Sub Connectors D- Sub-01 Rev. 10 / 10
M2000-109119 AMPHENOL-M2000-109119 Datasheet
1Mb / 32P
D-Sub Connectors D- Sub-01 Rev. 10 / 10
More results

Similar Description - M2000C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
PIR CONTROLLER
logo
Pericom Semiconductor C...
PT8A261 PERICOM-PT8A261 Datasheet
100Kb / 13P
PIR Sensor Light Switch Controller
PT8A2612 PERICOM-PT8A2612 Datasheet
105Kb / 12P
PIR Sensor Light Switch Controller
PT8A2621 PERICOM-PT8A2621 Datasheet
110Kb / 13P
PIR Sensor Light Switch Controller
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
PIR CONTROLLER
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
PIR CONTROLLER
LP0001 SILVAN-LP0001 Datasheet
85Kb / 2P
PIR CONTROLLER
logo
MOSDESIGN SEMICONDUCTOR...
M7620 MOSDESIGN-M7620 Datasheet
296Kb / 6P
PIR CONTROLLER FOR DC/AC APPLICATIONS
2016-09-09
M7621 MOSDESIGN-M7621 Datasheet
292Kb / 7P
PIR CONTROLLER FOR DC/AC APPLICATIONS
2016-09-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com