Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61539FP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M61539FP
Description  6ch Electronic Volume with Tone Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61539FP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M61539FP Datasheet HTML 4Page - Renesas Technology Corp M61539FP Datasheet HTML 5Page - Renesas Technology Corp M61539FP Datasheet HTML 6Page - Renesas Technology Corp M61539FP Datasheet HTML 7Page - Renesas Technology Corp M61539FP Datasheet HTML 8Page - Renesas Technology Corp M61539FP Datasheet HTML 9Page - Renesas Technology Corp M61539FP Datasheet HTML 10Page - Renesas Technology Corp M61539FP Datasheet HTML 11Page - Renesas Technology Corp M61539FP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
M61539FP
Rev.1.0, Apr.16.2004, page 8 of 17
Setting Code
(1) Tone control (bass / treble)
Treble
D01
D11
D21
D31
ATT
Bass
D81
D91
DA1
DB1
−14dB
1
1
1
1
−12dB
1
1
0
1
−10dB
1
1
1
0
−8dB
1
1
0
0
−6dB
1
0
1
1
−4dB
1
0
1
0
−2dB
1
0
0
1
+0dB
0
0
0
0
+2dB
0
0
0
1
+4dB
0
0
1
0
+6dB
0
0
1
1
+8dB
0
1
0
0
+10dB
0
1
1
0
+12dB
0
1
0
1
+14dB
0
1
1
1
(2) BYPASS control
DD1
BYPASS
1
TONE
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com