Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61539FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M61539FP
Description  6ch Electronic Volume with Tone Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61539FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M61539FP Datasheet HTML 9Page - Renesas Technology Corp M61539FP Datasheet HTML 10Page - Renesas Technology Corp M61539FP Datasheet HTML 11Page - Renesas Technology Corp M61539FP Datasheet HTML 12Page - Renesas Technology Corp M61539FP Datasheet HTML 13Page - Renesas Technology Corp M61539FP Datasheet HTML 14Page - Renesas Technology Corp M61539FP Datasheet HTML 15Page - Renesas Technology Corp M61539FP Datasheet HTML 16Page - Renesas Technology Corp M61539FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
M61539FP
Rev.1.0, Apr.16.2004, page 13 of 17
(3) Tone control characteristics
Limits
Parameter
Symbol
Min
typ
Max
Unit
Condition
T+14dB
12
14
16
T+14dB
T+12dB
10
12
14
T+12dB
T+10dB
8
10
12
T+10dB
T+8dB
6
8
10
T+8dB
T+6dB
4.5
6
7.5
T+6dB
T+4dB
2.5
4
5.5
T+4dB
T+2dB
1
2
3
T+2dB
T
−2dB
−3
−2
−1
T
−2dB
T
−4dB
−5.5
−4
−2.5
T
−4dB
T
−6dB
−7.5
−6
−4.5
T
−6dB
T
−8dB
−10
−8
−6
T
−8dB
T
−10dB
−12
−10
−8
T
−10dB
T
−12dB
−14
−12
−10
T
−12dB
Tone control voltage gain
T
−14dB
−16
−14
−12
T
−14dB
Vo = 0.2 Vrms
TREBLE (f = 10 kHz),
BASS (f = 100 kHz)
Voltage gain
INPUT to pin 37, 39
OUTPUT from pin 16, 15
Balance between channel
BALT
−1.5
0
+1.5
BALT
Input37, 39pin Vo=0.2Vrms
Output16, 15pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com