Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2575 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM2575
Description  LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2575 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJM2575 Datasheet HTML 2Page - New Japan Radio NJM2575 Datasheet HTML 3Page - New Japan Radio NJM2575 Datasheet HTML 4Page - New Japan Radio NJM2575 Datasheet HTML 5Page - New Japan Radio NJM2575 Datasheet HTML 6Page - New Japan Radio NJM2575 Datasheet HTML 7Page - New Japan Radio NJM2575 Datasheet HTML 8Page - New Japan Radio NJM2575 Datasheet HTML 9Page - New Japan Radio NJM2575 Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
NJM2575
- 6 -
s
s
s
sTYPICAL CHARACTERISTICS
-40
-30
-20
-10
0.0
10
10
5
10
6
10
7
10
8
Frequency Characteristic
Frequency (Hz)
2
4
6
8
10
12
234
567
8
Operating Current vs. Supply Voltage
Supply Voltage V
+(V)
0
20
40
60
80
100
120
2
345
67
8
Operating Current at Standby State vs. Supply Voltage
Supply Voltage V
+(V)
0
1
2
3
4
5
6
234
567
8
Maximum Output Voltage Swing vs. Supply Voltage
Supply Voltage V
+(V)
5
5.5
6
6.5
7
7.5
8
23
45
67
8
Voltage Gain vs. Supply Voltage
Supply Voltage V
+(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com