Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2575 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJM2575
Description  LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2575 Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJM2575 Datasheet HTML 3Page - New Japan Radio NJM2575 Datasheet HTML 4Page - New Japan Radio NJM2575 Datasheet HTML 5Page - New Japan Radio NJM2575 Datasheet HTML 6Page - New Japan Radio NJM2575 Datasheet HTML 7Page - New Japan Radio NJM2575 Datasheet HTML 8Page - New Japan Radio NJM2575 Datasheet HTML 9Page - New Japan Radio NJM2575 Datasheet HTML 10Page - New Japan Radio NJM2575 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NJM2575
- 8 -
s
s
s
sTYPICAL CHARACTERISTICS
-80
-70
-60
-50
-40
-30
-20
2
345
67
8
Second Harmonic Distortion vs. Supply Voltage
Supply Voltage V
+(V)
0.8
0.9
1
1.1
1.2
1.3
1.4
23
45
67
8
Switching Voltage vs. Supply Voltage
VthPH
VthPL
Supply Voltage V
+(V)
5
6
7
8
9
10
-50
0
50
100
Operating Current vs. Temperature
Ambient Temperature Ta (
oC)
20
25
30
35
40
-50
0
50
100
Operating Current at Standby State vs. Temperature
Ambient Temperature Ta (
oC)
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
0
50
100
Maximum Output Voltage Swing vs. Temperature
Ambient Temperature Ta (
oC)
5
5.5
6
6.5
7
7.5
8
-50
0
50
100
Voltage Gain vs. Temperature
Ambient Temperature Ta(
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com