Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1054708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1054708
Description  Electronic housing - ECS-B-122X109-S-UV -V GY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1054708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1054708 Datasheet HTML 1Page - PHOENIX CONTACT 1054708 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/1054708
02/28/2019   Page 1 / 2
Electronic housing - ECS-B-122X109-S-UV -V GY - 1054708
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Screw locking vented enclosure of the ECS Family. IP66/67/69 rated when mated with associated faceplate.
Color: Grey (7042), Width: 164 mm, Height: 116 mm, Depth: 64 mm
Your advantages
 Part of the EnviroCase System
 Suitable for outdoor/indoor applications
 IP66/IP67 rated with faceplate secured to the base
 Wall, panel, or pole mounting options
Key Commercial Data
Packing unit
5 pc
Minimum order quantity
5 pc
GTIN
GTIN
4055626689180
Technical data
Item properties
Type
ECS-B-122X109-S-UV -V GY
Order No.
1054708
Type
Screw locking
Mounting type
Wall or panel mount. Pole mount with accessory.
Measurements
Width [ w ]
164 mm
Height [ h ]
116 mm
Depth [ d ]
64 mm
Material specifications
Color (RAL)
gray (7042)


Similar Part No. - 1054708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1054702 PHOENIX-1054702 Datasheet
253Kb / 8P
ECS-B-122X109-L-UV-V GY - Electronics housing
1054705 PHOENIX-1054705 Datasheet
252Kb / 8P
ECS-B-122X109-L-UV-NV GY - Electronics housing
1054706 PHOENIX-1054706 Datasheet
59Kb / 2P
Electronic housing - ECS-B-122X109-S-UV-NV GY
More results

Similar Description - 1054708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1054706 PHOENIX-1054706 Datasheet
59Kb / 2P
Electronic housing - ECS-B-122X109-S-UV-NV GY
1054710 PHOENIX-1054710 Datasheet
59Kb / 2P
Electronic housing - ECS-B-122X109-S-UV1-V
1054711 PHOENIX-1054711 Datasheet
59Kb / 2P
Electronic housing - ECS-B-122X109-S-UV1-NV
1186431 PHOENIX-1186431 Datasheet
230Kb / 5P
Electronic housing - ECS-B-64X80-L-UV-NV GY
1186433 PHOENIX-1186433 Datasheet
221Kb / 5P
Electronic housing - ECS-B-64X80-S-UV-NV GY
1186435 PHOENIX-1186435 Datasheet
156Kb / 5P
Front plate - ECS-P-64X80-S-UV-B GY
1186436 PHOENIX-1186436 Datasheet
160Kb / 5P
Front plate - ECS-P-64X80-L-UV-B GY
1196941 PHOENIX-1196941 Datasheet
222Kb / 5P
Electronic housing - ECS-B-64X80-S-UV-V GY
1196942 PHOENIX-1196942 Datasheet
229Kb / 5P
Electronic housing - ECS-B-64X80-L-UV-V GY
1050382 PHOENIX-1050382 Datasheet
76Kb / 5P
Front plate - ECS-P-122X169-S-UV-B GY
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com