Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1054708 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1054708
Description  Electronic housing - ECS-B-122X109-S-UV -V GY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1054708 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1054708 Datasheet HTML 1Page - PHOENIX CONTACT 1054708 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.phoenixcontact.com/pi/products/1054708
02/28/2019   Page 2 / 2
Electronic housing - ECS-B-122X109-S-UV -V GY - 1054708
Technical data
Material specifications
Flammability rating according to UL 94
V0
Housing material
PC (polycarbonate)
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C
PCB data
PCB thickness
1.59 mm ... 2.36 mm
Packaging information
Pieces per package
5
Denomination packing units
Pcs.
Standards and regulations
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings
Dimensional drawing
d
w
h
Phoenix Contact 2019 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com