Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QTLP610C-R Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # QTLP610C-R
Description  SURFACE MOUNT LED LAMP SUPER BRIGHT RIGHT ANGLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP610C-R Datasheet(HTML) 1 Page - Fairchild Semiconductor

  QTLP610C-R Datasheet HTML 1Page - Fairchild Semiconductor QTLP610C-R Datasheet HTML 2Page - Fairchild Semiconductor QTLP610C-R Datasheet HTML 3Page - Fairchild Semiconductor QTLP610C-R Datasheet HTML 4Page - Fairchild Semiconductor QTLP610C-R Datasheet HTML 5Page - Fairchild Semiconductor QTLP610C-R Datasheet HTML 6Page - Fairchild Semiconductor QTLP610C-R Datasheet HTML 7Page - Fairchild Semiconductor QTLP610C-R Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
0.126 (3.2)
0.110 (2.8)
0.043 (1.1)
0.035 (0.9)
0.039 (1.0)
0.087 (2.2)
0.071 (1.8)
0.087 (2.2)
0.071 (1.8)
CATHODE MARK
FRONT
TOP
BACK
0.020 (0.50)
0.035 (0.9)
R0.017 (0.4)
0.016 (0.4)
POLARITY
NOTE:
Dimensions for all drawings are in inches (mm).
PACKAGE DIMENSIONS
QTLP610C-R Red
QTLP610C-E Orange
QTLP610C-O Yellow-Orange
QTLP610C-Y Yellow
QTLP610C-AG Yellow-Green
QTLP610C-IG True Green
QTLP610C-IB Blue
APPLICATIONS
• LCD edge-lighting
• Edge card edge-lighting
SURFACE MOUNT LED LAMP
SUPER BRIGHT RIGHT ANGLE
FEATURES
• Small footprint - 3.0(L) X 2.0(W) X 1.0(H) mm
• AllnGaP technology for -R, -E, -O, -Y and -AG
• InGaN/SiC technology for -IG and -IB
• Wide viewing angle of 120°
• Water clear optics
• Available in 0.315” (8mm) width tape on 7” (178mm) diameter reel; 2,000 units per reel
DESCRIPTION
These super bright right angle surface mount chip LEDs emit light in the lateral direction. Small size and wide viewing angle make
these LEDs ideal choices for status indication in consumer electronics, industrial control and other applications.
 2001 Fairchild Semiconductor Corporation
DS300215
8/30/01
1 OF 8
www.fairchildsemi.com


Similar Part No. - QTLP610C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP610C-RAG FAIRCHILD-QTLP610C-RAG Datasheet
144Kb / 6P
SURFACE MOUNT LED LAMP Bi-Color Right Angle
More results

Similar Description - QTLP610C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP600C-RY FAIRCHILD-QTLP600C-RY Datasheet
169Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT 0606
QTLP610C FAIRCHILD-QTLP610C Datasheet
381Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT RIGHT ANGLE
QTLP690C FAIRCHILD-QTLP690C Datasheet
131Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT 0402
QTLP652C-R FAIRCHILD-QTLP652C-R Datasheet
125Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Reverse Mount)
QTLP650C-Y FAIRCHILD-QTLP650C-Y Datasheet
160Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT 1206
QTLP630C-R FAIRCHILD-QTLP630C-R Datasheet
150Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT 0805
QTLP650C-RY FAIRCHILD-QTLP650C-RY Datasheet
161Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT 1210
QTLP670C-RY FAIRCHILD-QTLP670C-RY Datasheet
157Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT PLCC-4
logo
Chicago Miniature Lamp,...
CMD11504UR CML-CMD11504UR Datasheet
26Kb / 1P
Bright Angle Right Angle Surface Mount LED
CMD11505 CML-CMD11505 Datasheet
71Kb / 1P
Bright Angle??Right Angle Surface Mount LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com