Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QTLP610C-R Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # QTLP610C-R
Description  SURFACE MOUNT LED LAMP SUPER BRIGHT RIGHT ANGLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP610C-R Datasheet(HTML) 2 Page - Fairchild Semiconductor

  QTLP610C-R Datasheet HTML 1Page - Fairchild Semiconductor QTLP610C-R Datasheet HTML 2Page - Fairchild Semiconductor QTLP610C-R Datasheet HTML 3Page - Fairchild Semiconductor QTLP610C-R Datasheet HTML 4Page - Fairchild Semiconductor QTLP610C-R Datasheet HTML 5Page - Fairchild Semiconductor QTLP610C-R Datasheet HTML 6Page - Fairchild Semiconductor QTLP610C-R Datasheet HTML 7Page - Fairchild Semiconductor QTLP610C-R Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Parameter
Symbol
QTLP610C
Units
-IB
-IG
Continuous Forward Current
IF
30
30
mA
Peak Forward Current
IFM
100
100
mA
(f = 1.0 KHz, Duty Factor = 1/10)
Reverse Voltage (IR = 10 µA)
VR
55
V
Power Dissipation
PD
120
120
mW
Operating Temperature
TOPR
-40 to +85
°C
Storage Temperature
TSTG
-40 to +90
°C
Lead Soldering Time
TSOL
260 for 5 sec
°C
ABSOLUTE MAXIMUM RATINGS (TA =25°C Unless otherwise specified)
QTLP610C-R Red
QTLP610C-E Orange
QTLP610C-O Yellow-Orange
QTLP610C-Y Yellow
QTLP610C-AG Yellow-Green
QTLP610C-IG True Green
QTLP610C-IB Blue
SURFACE MOUNT LED LAMP
SUPER BRIGHT RIGHT ANGLE
Parameter
Symbol
QTLP610C
Units
-R
-E
-O
-Y
-AG
Continuous Forward Current
IF
30
30
30
25
30
mA
Peak Forward Current
IFM
160
160
160
120
160
mA
(f = 1.0 KHz, Duty Factor = 1/10)
Reverse Voltage (IR = 10 µA)
VR
55
5
5
5
V
Power Dissipation
PD
72
72
72
60
72
mW
Operating Temperature
TOPR
-40 to +85
°C
Storage Temperature
TSTG
-40 to +90
°C
Lead Soldering Time
TSOL
260 for 5 sec
°C
ABSOLUTE MAXIMUM RATINGS (TA =25°C Unless otherwise specified)
www.fairchildsemi.com
2 OF 8
8/30/01
DS300215



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com