Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT138SC Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74ACT138SC
Description  1-of-8 Decoder/Demultiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT138SC Datasheet(HTML) 5 Page - ON Semiconductor

  74ACT138SC Datasheet HTML 1Page - ON Semiconductor 74ACT138SC Datasheet HTML 2Page - ON Semiconductor 74ACT138SC Datasheet HTML 3Page - ON Semiconductor 74ACT138SC Datasheet HTML 4Page - ON Semiconductor 74ACT138SC Datasheet HTML 5Page - ON Semiconductor 74ACT138SC Datasheet HTML 6Page - ON Semiconductor 74ACT138SC Datasheet HTML 7Page - ON Semiconductor 74ACT138SC Datasheet HTML 8Page - ON Semiconductor 74ACT138SC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics for ACT
Note 5: All outputs loaded; thresholds on input associated with output under test.
Note 6: Maximum test duration 2.0 ms, one output loaded at a time.
AC Electrical Characteristics for AC
Note 7: Voltage Range 3.3 is 3.3V
± 0.3V
Voltage Range 5.0 is 5.0V
± 0.5V
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC − 0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
VIOUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
VIN = VIL or VIH
4.5
3.86
3.76
V
IOH = −24 mA
5.5
4.86
4.76
IOH = −24 mA (Note 5)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
VIOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
VIN = VIL or VIH
4.5
0.36
0.44
V
IOL 24 mA
5.5
0.36
0.44
IOL.= 24 mA (Note 5)
IIN
Maximum Input
5.5
±0.1
±1.0
µAV
I = VCC, GND
Leakage Current
ICCT
Maximum
5.5
0.6
1.5
mA
VI = VCC − 2.1V
ICC/Input
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 6)
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
4.0
40.0
µAV
IN = VCC or GND
Supply Current
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 7)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
1.5
8.5
13.0
1.5
15.0
ns
An to On
5.0
1.5
6.5
9.5
1.5
10.5
tPHL
Propagation Delay
3.3
1.5
8.0
12.5
1.5
14.0
ns
An to On
5.0
1.5
6.0
9.0
1.5
10.5
tPLH
Propagation Delay
3.3
1.5
11.0
15.0
1.5
16.0
ns
E1 or E2 to On
5.0
1.5
8.0
11.0
1.5
12.0
tPHL
Propagation Delay
3.3
1.5
9.5
13.5
1.5
15.0
ns
E1 or E2 to On
5.0
1.5
7.0
9.5
1.5
10.5
tPLH
Propagation Delay
3.3
1.5
11.0
15.5
1.5
16.5
ns
E3 to On
5.0
1.5
8.0
11.0
1.5
12.5
tPHL
Propagation Delay
3.3
1.5
8.5
13.0
1.5
14.0
ns
E3 to On
5.01.56.08.01.09.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com