Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT138SC Datasheet(PDF) 6 Page - ON Semiconductor

Part # 74ACT138SC
Description  1-of-8 Decoder/Demultiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT138SC Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 74ACT138SC Datasheet HTML 2Page - ON Semiconductor 74ACT138SC Datasheet HTML 3Page - ON Semiconductor 74ACT138SC Datasheet HTML 4Page - ON Semiconductor 74ACT138SC Datasheet HTML 5Page - ON Semiconductor 74ACT138SC Datasheet HTML 6Page - ON Semiconductor 74ACT138SC Datasheet HTML 7Page - ON Semiconductor 74ACT138SC Datasheet HTML 8Page - ON Semiconductor 74ACT138SC Datasheet HTML 9Page - ON Semiconductor 74ACT138SC Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics for ACT
Note 8: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
1.5
7.0
10.5
1.5
11.5
ns
An to On
tPHL
Propagation Delay
5.0
1.5
6.5
10.5
1.5
11.5
ns
An to On
tPLH
Propagation Delay
5.0
2.5
8.0
11.5
2.0
12.5
ns
E1 or E2 to On
tPHL
Propagation Delay
5.0
2.0
7.5
11.5
2.0
12.5
ns
E1 or E2 to On
tPLH
Propagation Delay
5.0
2.5
8.0
12.0
2.0
13.0
ns
E3 to On
tPHL
Propagation Delay
5.0
2.0
6.5
10.5
1.5
11.5
ns
E3 to On
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
60.0
pF
VCC = 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com