Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1ZX Datasheet(PDF) 4 Page - Recom International Power

Part # R1ZX
Description  1 Watt SMD Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1ZX Datasheet(HTML) 4 Page - Recom International Power

  R1ZX Datasheet HTML 1Page - Recom International Power R1ZX Datasheet HTML 2Page - Recom International Power R1ZX Datasheet HTML 3Page - Recom International Power R1ZX Datasheet HTML 4Page - Recom International Power R1ZX Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.recom-power.com
REV.: 0/2019
ECO-4
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
R1ZX
Series
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Audio/video, information and communication technology equipment - Safety
requirements
E224736
UL62368-1, 2nd Edition, 2014
CAN/CSA -C22.2 No. 62368-1-14, 2nd Edition
Information Technology Equipment, General Requirements for Safety
UL60950-1, 2nd Edition, 2014
CAN/CSA C-22.2 No. 60950-1-07, 2nd Edition
Audio/video, information and communication technology equipment - Safety
requirements (CB Scheme)
E224736-4788277362-1
IEC62368-1:2014, 2nd Edition
Audio/video, information and communication technology equipment - Safety
requirements
EN62368-1:2014 + A11:2017
Information Technology Equipment, General Requirements for Safety (CB Scheme)
E224736-4788277362-2
IEC60950-1:2005, 2nd Edition + A2:2013
Information Technology Equipment, General Requirements for Safety
EN60950-1:2006 + A2:2013
RoHS2+
RoHS 2011/65/EU + AM2015/863
EMC Compliance
Condition
Standard / Criterion
Electromagnetic Compatibility of Multimedia Equipment - Emission
Requirements
with external filter
(see filter suggestion)
EN55032:2015 + AC:2016, Class B
Information technology equipment - Immunity characteristics - Limits and
methods of measurement
EN55024:2010 + A1:2015
ESD Electrostatic discharge immunity test
Air: ±6kV; Contact: ±4kV
EN61000-4-2:2009, Criteria A
Fast Transient and Burst Immunity
±0.5kV
EN61000-4-4:2012, Criteria A
Surge Immunity
±1.0kV
EN61000-4-5:2017, Criteria A
EMC Filtering Suggestions for EN55032 Class B
C1
-Vout
+Vout
-Vin
+Vin
C2
L1
+V
out
+V
in
-V
out
-V
in
Component List
C1
C2
L1
10µF MLCC 470pF/3kVDC 10µH SMD Inductor
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
base
PCB
black plastic (UL94V-0)
FR4 (UL94V-0)
Dimension (LxWxH)
15.24 x 11.10 x 8.5mm
Weight
1.6g typ.
continued on next page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com