Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1ZX Datasheet(PDF) 5 Page - Recom International Power

Part # R1ZX
Description  1 Watt SMD Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1ZX Datasheet(HTML) 5 Page - Recom International Power

  R1ZX Datasheet HTML 1Page - Recom International Power R1ZX Datasheet HTML 2Page - Recom International Power R1ZX Datasheet HTML 3Page - Recom International Power R1ZX Datasheet HTML 4Page - Recom International Power R1ZX Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.recom-power.com
REV.: 0/2019
ECO-5
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
R1ZX
Series
Dimension Drawing (mm)
Recommended Footprint Details
Pin Connection
Pin #
Single
1
-Vin
2
+Vin
4,5
-Vout
7
+Vout
10
NC
CG= center of gravity
NC= no connection
Tolerance: xx.x= ±0.5mm
xx.xx= ±0.25mm
Pin dimension:
±0.1mm
Bottom View
Top View
1 2
4
7
10
7
10
5
1 2
4 5
11.10
15.24
4x2.54= 10.16
1.27
2.54
0.50
0.80
2.50
CG
PACKAGING INFORMATION
Packaging Dimension (LxWxH)
tape and reel (carton)
reel
355.0 x 340.0 x 35.0mm
330.2 x 330.2 x 30.0mm
tray
260.0 x 205.0 x 27.0mm
Packaging Quantity
tape and reel
250pcs
tray
30pcs
Tape Width
24.0mm
Storage Temperature Range
-55°C to +125°C
Storage Humidity
5% - 95% RH max.
The product information and specifications may be subject to changes even without prior written notice.The product has been designed for various applications; its suitability lies in the responsibility of each customer. The
products are not authorized for use in safety-critical applications without RECOM’s explicit written consent. A safety-critical application is an application where a failure may reasonably be expected to endanger or cause
loss of life, inflict bodily harm or damage property. The applicant shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized
use of RECOM products in such safety-critical applications.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com