Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20120C Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS20120C
Description  POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20120C Datasheet(HTML) 5 Page - STMicroelectronics

  STPS20120C Datasheet HTML 1Page - STMicroelectronics STPS20120C Datasheet HTML 2Page - STMicroelectronics STPS20120C Datasheet HTML 3Page - STMicroelectronics STPS20120C Datasheet HTML 4Page - STMicroelectronics STPS20120C Datasheet HTML 5Page - STMicroelectronics STPS20120C Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STPS20120C
5/6
Figure 11: I2PAK Package Mechanical Data
e
D
L
L1
L2
b1
b
b2
E
A
c2
A1
c
Table 6: Ordering Information
■ Epoxy meets UL94, V0
■ Cooling method: by conduction (C)
■ Recommended torque value: 0.8 m.N.
■ Maximum torque value: 1.0 m.N.
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STPS20120CT
STPS20120CT
TO-220AB
2.23 g
50
Tube
STPS20120CR
STPS20120CR
I2PAK
1.49 g
50
Tube
Table 7: Revision History
Date
Revision
Description of Changes
18-Feb-2005
1
First issue.
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
A1
2.49
2.69
0.098
0.106
b
0.70
0.93
0.028
0.037
b1
1.14
1.70
0.044
0.067
b2
1.14
1.70
0.044
0.067
c
0.45
0.60
0.018
0.024
c2
1.23
1.36
0.048
0.054
D
8.95
9.35
0.352
0.368
e
2.40
2.70
0.094
0.106
E
10.0
10.4
0.394
0.409
L
13.1
13.6
0.516
0.535
L1
3.48
3.78
0.137
0.149
L2
1.27
1.40
0.050
0.055



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com