Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20120C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS20120C
Description  POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20120C Datasheet(HTML) 1 Page - STMicroelectronics

  STPS20120C Datasheet HTML 1Page - STMicroelectronics STPS20120C Datasheet HTML 2Page - STMicroelectronics STPS20120C Datasheet HTML 3Page - STMicroelectronics STPS20120C Datasheet HTML 4Page - STMicroelectronics STPS20120C Datasheet HTML 5Page - STMicroelectronics STPS20120C Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
Table 1: Main Product Characteristics
IF(AV)
2 x 10 A
VRRM
120 V
Tj (max)
175°C
VF (typ)
0.54 V
STPS20120C
POWER SCHOTTKY RECTIFIER
REV. 1
Table 3: Absolute Ratings (limiting values, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
120
V
IF(RMS) RMS forward voltage
30
A
IF(AV)
Average forward current
δ = 0.5
Tc = 150°C
Per diode
Per device
10
20
A
IFSM
Surge non repetitive forward current
tp = 10ms sinusoidal
150
A
PARM
Repetitive peak avalanche power
tp = 1µs Tj = 25°C
4600
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature *
175
°C
* :
thermal runaway condition for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
>
K
A2
A1
K
K
A2
A1
TO-220AB
STPS20120CT
I2PAK
STPS20120CR
K
A1
A2
February 2005
FEATURES AND BENEFITS
■ High junction temperature capability
■ Avalanche rated
■ Low leakage current
■ Good trade-off between leakage current and
forward voltage drop
DESCRIPTION
Dual center tap Schottky rectifier suited for high
frequency Switch Mode Power Supply.
Packaged in TO-220AB & I2PAK, this device is
intended to be used in notebook & LCD adaptors,
desktop SMPS, providing in these applications a
margin between the remaining voltages applied on
the diode and the voltage capability of the diode.
Table 2: Order Codes
Part Number
Marking
STPS20120CT
STPS20120CT
STPS20120CR
STPS20120CR


Similar Part No. - STPS20120C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20120C STMICROELECTRONICS-STPS20120C Datasheet
116Kb / 9P
Power Schottky rectifier
03-May-2007
STPS20120C STMICROELECTRONICS-STPS20120C Datasheet
275Kb / 14P
Power Schottky rectifier
02-Nov-2016
STPS20120CB-TR STMICROELECTRONICS-STPS20120CB-TR Datasheet
275Kb / 14P
Power Schottky rectifier
02-Nov-2016
STPS20120CB-TR STMICROELECTRONICS-STPS20120CB-TR Datasheet
198Kb / 9P
Power Schottky rectifier
02-Jul-2018
STPS20120CFP STMICROELECTRONICS-STPS20120CFP Datasheet
116Kb / 9P
Power Schottky rectifier
03-May-2007
More results

Similar Description - STPS20120C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com