Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P004-L02 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # P004-L02
Description  C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 2 ft.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P004-L02 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P004-L02 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P004-L02 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P004-L02 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OVERVIEW
UPC Code
037332218162
Country/Region
Global
INPUT
Maximum Input Amps
10
Cable Length (ft.)
2
Cable Length (m)
0.6
Cable Length (in.)
24
Voltage Compatibility (VAC)
100-250
PHYSICAL
Power Cord Jacket Type
SJT
Wire Gauge (AWG)
18
Wire Gauge (OD - mm²)
0.82
Shipping Dimensions (hwd / in.)
10.00 x 7.09 x 0.50
Shipping Dimensions (hwd / cm)
25.40 x 18.01 x 1.27
Shipping Weight (lbs.)
0.22
Shipping Weight (kg)
0.10
Color
Black
Number of Conductors
3
ENVIRONMENTAL
Operating Temperature Range
-4 to 221 F (-20 to 105 C)
Storage Temperature Range
-4 to 221 F (-20 to 105 C)
Operating Humidity Range
0-65% RH
CONNECTIONS
Side A - Connector 1
IEC-320-C14
Side B - Connector 1
IEC-320-C13 - LOCKING
SPECIAL FEATURES
High Voltage
Yes
Heavy-Duty
No
Locking Plug
Yes
CERTIFICATIONS
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com