Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P004-L02 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P004-L02
Description  C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 2 ft.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P004-L02 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P004-L02 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P004-L02 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P004-L02 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications
Not for usage in European Market
C14 Male to C13 Female Power Cable, C13 to C14
PDU-Style, Locking C13 Connector, 10A, 18
AWG, 2 ft.
MODEL NUMBER: P004-L02
Computer power extension cord connects 2 devices with C13/C14 power connectors or extends your
current power connection by 2 ft.
Features
C14-to-C13 Power Cable Connects Computers, Printers, Servers and Other Equipment
This IEC-320-C14 to IEC-320-C13 cable is an ideal replacement for a missing or worn-out computer
power extension cord. Designed for data center and server room applications that do not require a higher-
gauge cable, this UL-listed C14 male to C13 female cord can be used to power a computer, printer or
monitor; attach a server or drive to a UPS system or PDU; or extend a current connection up to two feet.
Locking Connector Helps Prevent Accidental Disconnection and Expensive Downtime
Having a cable come loose accidentally can mean the loss of power and costly downtime. The P004-L02’s
locking C13 connector helps you avoid such danger, protecting critical equipment by maintaining a secure
link without failure. The locking cable is also invaluable when moving equipment in a rack or removing
equipment from tight areas, ensuring the power cord always stays connected.
Designed to Keep Your Equipment Connected a Long Time without Stress
The SJT cable jacket is accentuated with integral strain relief, which gives the cable extra flexibility,
reduces stress, and helps the cable and connectors move freely without cracking.
Lifetime Warranty
The P004-L02 is backed by a lifetime warranty, ensuring reliability and performance.
Highlights
C13-to-C14 PDU-style
extension cord is ideal
replacement for worn-out or
missing cable
q
Recommended for connecting
power to computers, servers
and other peripherals
q
Adds 2 ft. to your current power
connection to provide more
flexibility in placing devices
q
Integral strain relief helps cable
and connectors move freely
without stress or cracking
q
Locking C13 connector
maintains secure link to avoid
loss of power and costly
downtime
q
Applications
Connect devices like computers,
servers and monitors to a PDU
up to 2 ft. away in your data
center
q
Extend a current power
connection up to 2 ft. to more
easily place a device or reach a
power source in a rack
q
Provide a high-quality
replacement for a worn-out or
missing power cord
q
Package Includes
P004-L02 C14 Male to C13
Female Power Cable, 2 ft.
q
1 / 3


Similar Part No. - P004-L02

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P004-L01 TRIPPLITE-P004-L01 Datasheet
165Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 1 ft.
P004-L03 TRIPPLITE-P004-L03 Datasheet
165Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 3 ft.
P004-L04 TRIPPLITE-P004-L04 Datasheet
165Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 4 ft.
P004-L06 TRIPPLITE-P004-L06 Datasheet
165Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 6 ft.
More results

Similar Description - P004-L02

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P004-002-ABL TRIPPLITE-P004-002-ABL Datasheet
178Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 2 ft., Blue
P004-002-AGN TRIPPLITE-P004-002-AGN Datasheet
174Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 2 ft., Green
P004-002-AOR TRIPPLITE-P004-002-AOR Datasheet
179Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 2 ft., Orange
P004-002-ARD TRIPPLITE-P004-002-ARD Datasheet
180Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 2 ft., Red
P004-002-AWH TRIPPLITE-P004-002-AWH Datasheet
166Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 2 ft., White
P004-L01 TRIPPLITE-P004-L01 Datasheet
165Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 1 ft.
P004-L03 TRIPPLITE-P004-L03 Datasheet
165Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 3 ft.
P004-L04 TRIPPLITE-P004-L04 Datasheet
165Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 4 ft.
P004-L06 TRIPPLITE-P004-L06 Datasheet
165Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 6 ft.
P004-L10 TRIPPLITE-P004-L10 Datasheet
165Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 10 ft.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com