Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP30 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # MTP30
Description  Glass Passivated Three-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MTP30 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  MTP30 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MTP30 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MTP30 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RoHS
RoHS
Nell High Power Products
MTP30
68.00
All dimensions in millimeters
16.50
12.0
12.0
82.0
2
1
6.30
2-Φ6.40
3
FEATURES
UL recognition file number E320098
Small volume, light weight
Typical IR less than 2.0 µA
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave
Epoxy meets UL 94 V-O flammability rating
PRIMARY CHARACTERRISTICS
IF(AV)
Weight: 120g (4.2 ozs)
30A
VRRM
800V to 1800V
1.1V
5 µA
150ºC
IFSM
IR
VF
Compliant to RoHS
High surge current capability
Low thermal resistance
Small thermal resistance
rectification for big power supply, field supply for DC motor,
industrial automation applications.
ADVANTAGE
TJ max
500A
Isolation voltage up to 2500V
International standard package
Page 1 of 3
www.nellsemi.com
Glass Passivated Three-Phase Bridge Rectifier, 30A
MTP3008 Thru MTP3016


Similar Part No. - MTP30

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
MTP30 NELLSEMI-MTP30 Datasheet
1Mb / 3P
Glass Passivated Three-Phase Bridge Rectifier, 30A
MTP300 NELLSEMI-MTP300 Datasheet
376Kb / 3P
High surge current capability
MTP300 NELLSEMI-MTP300 Datasheet
669Kb / 3P
Three-Phase Bridge Rectifier
MTP30008 NELLSEMI-MTP30008 Datasheet
669Kb / 3P
Three-Phase Bridge Rectifier
MTP30010 NELLSEMI-MTP30010 Datasheet
669Kb / 3P
Three-Phase Bridge Rectifier
More results

Similar Description - MTP30

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSD100 MICROSEMI-MSD100 Datasheet
131Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
logo
Jiangsu APT Semiconduct...
MD50S18M4 APTSEMI-MD50S18M4 Datasheet
80Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
MD100S18M3 APTSEMI-MD100S18M3 Datasheet
88Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
MD100S18M5 APTSEMI-MD100S18M5 Datasheet
118Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
logo
Yangzhou yangjie electr...
MD50S08M4 YANGJIE-MD50S08M4 Datasheet
129Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
MD100S08M2 YANGJIE-MD100S08M2 Datasheet
194Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
MD250S08M3 YANGJIE-MD250S08M3 Datasheet
140Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
logo
Nanjing International G...
MDS150P DGNJDZ-MDS150P Datasheet
1Mb / 2P
Glass Passivated Three Phase Rectifier Bridge
MDS50G DGNJDZ-MDS50G Datasheet
1Mb / 2P
Glass Passivated Three Phase Rectifier Bridge
logo
Shanghai Leiditech Elec...
MD60S18M2 LEIDITECH-MD60S18M2 Datasheet
311Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com