Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP30 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # MTP30
Description  Glass Passivated Three-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MTP30 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  MTP30 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MTP30 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MTP30 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RoHS
RoHS
Nell High Power Products
MTP30
MAJOR RATINGS AND CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
V
V
SYMBOL
MTP30
UNIT
1900
08
900
1100
1300
1800
800
1000
1200
1600
18
12
10
16
1700
1800
800
1000
1200
1600
V
Maximum repetitive peak reverse voltage
Peak reverse non-repetitive voltage
Maximum DC blocking voltage
Maximum average forward rectified output current
Peak forward surge current single sine-wave superimposed on
rated load
Rating (non-repetitive, for t greater than 1 ms and less than 8.3 ms)
for fusing
RMS isolation voltage from case to leads
Operating junction storage temperature range
VRRM
VRSM
IFSM
VDC
IF(AV)
VISO
2
I t
2500
1200
30
-40 to 150
500
2
A s
A
A
V
ºC
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
V
µA
SYMBOL
MTP30
UNIT
08
18
12
10
16
Maximum instantaneous forward drop per diode
Maximum reverse DC current at rated DC blocking
VF
IR
2000
1.1
20
voltage per diod
TEST
CONDITIONS
I =30A
F
T = 25°C
A
T = 150°C
A
THERMAL AND MECHANICAC (T = 25°C unless otherwise noted)
A
PARAMETER
°C/W
SYMBOL
MTP30
UNIT
08
18
12
10
16
Typical thermal resistance
(1) With heatsink, single side heat dissipation, half sine wave.
(1)
RθJC
0.44
(2) M6 screw.
Notes
Storage temperature range
TSTG
-40 to 125
ºC
TJ
TEST CONDITIONS
junction to case
Single-side heat dissipation, sine
half wave
Mounting
± 10 %
to heatsink M6
A mounting compound is recommended
and the torque should be rechecked after
a period of 3 hours to allow for the spread
of the compound.
4
Nm
Approximate weight
120
torque
g
Device code
-
Module type: ”MTP” for 3Ø Brıdge
1
2
3
-
RRM
-
Voltage code: code x 100 = V
I
rating: "30" for 30A
F(AV)
2
MTP
30
16
3
1
Page 2 of 3
www.nellsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com