Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7566 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7566
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7566 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7566 Datasheet HTML 1Page - STMicroelectronics TDA7566 Datasheet HTML 2Page - STMicroelectronics TDA7566 Datasheet HTML 3Page - STMicroelectronics TDA7566 Datasheet HTML 4Page - STMicroelectronics TDA7566 Datasheet HTML 5Page - STMicroelectronics TDA7566 Datasheet HTML 6Page - STMicroelectronics TDA7566 Datasheet HTML 7Page - STMicroelectronics TDA7566 Datasheet HTML 8Page - STMicroelectronics TDA7566 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TDA7566
2/19
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
PIN CONNECTION (top view)
Symbol
Parameter
Value
Unit
Vop
Operating Supply Voltage
18
V
VS
DC Supply Voltage
28
V
Vpeak
Peak Supply Voltage (for t = 50ms)
50
V
VCK
CK pin Voltage
6
V
VDATA
Data Pin Voltage
6
V
IO
Output Peak Current (not repetitive t = 100
µs)
8
A
IO
Output Peak Current (repetitive f > 10Hz)
6
A
Ptot
Power Dissipation Tcase = 70°C
85
W
Tstg, Tj
Storage and Junction Temperature
-55 to 150
°C
Symbol
Description
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Max.
1
°C/W
D99AU1037
TAB
PW_GND LR
OUT LR-
CD-OUT
OUT LR+
VCC1
OUT LF-
PW_GND LF
OUT LF+
SVR
IN LF
IN LR
S GND
IN RR
IN RF
AC GND
OUT RF+
PW_GND RF
OUT RF-
VCC2
OUT RR+
CK
OUT RR-
PW_GND RR
DATA
1
25
2
3
4
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
22
23
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com