Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7566 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7566
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7566 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7566 Datasheet HTML 1Page - STMicroelectronics TDA7566 Datasheet HTML 2Page - STMicroelectronics TDA7566 Datasheet HTML 3Page - STMicroelectronics TDA7566 Datasheet HTML 4Page - STMicroelectronics TDA7566 Datasheet HTML 5Page - STMicroelectronics TDA7566 Datasheet HTML 6Page - STMicroelectronics TDA7566 Datasheet HTML 7Page - STMicroelectronics TDA7566 Datasheet HTML 8Page - STMicroelectronics TDA7566 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TDA7566
4/19
ELECTRICAL CHARACTERISTICS
(Refer to the test circuit, VS = 14.4V; RL = 4Ω; f = 1KHz; GV = 26dB; Tamb = 25°C; unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
POWER AMPLIFIER
VS
Supply Voltage Range
8
18
V
Id
Total Quiescent Drain Current
150
300
mA
PO
Output Power
EIAJ (VS = 13.7V)
32
35
W
THD = 10%
THD = 1%
22
16
25
20
W
W
RL = 2Ω; EIAJ (VS = 13.7V)
RL = 2Ω; THD 10%
RL = 2Ω; THD 1%
RL = 2Ω; MAX POWER
50
32
25
55
55
38
30
60
W
W
W
W
THD
Total Harmonic Distortion
PO = 1W to 10W;
0.04
0.1
%
GV = 12dB;
VO = 0.1 to 5VRMS
0.02
0.05
%
CT
Cross Talk
f = 1KHz to 10KHz, RG = 600W
50
60
dB
RIN
Input Impedance
60
100
130
K
Ω
GV1
Voltage Gain 1
25
26
27
dB
∆GV1
Voltage Gain Match 1
-1
0
1
dB
GV2
Voltage Gain 2
12
dB
EIN1
Output Noise Voltage 1
Rg = 600Ω; 20Hz to 22kHz
35
100
µV
EIN2
Output Noise Voltage 2
Rg = 600Ω;
GV = 12dB; 20Hz to 22kHz
12
µV
SVR
Supply Voltage Rejection
f = 100Hz to 10kHz; Vr = 1Vpk;
Rg = 600Ω
50
60
dB
BW
Power Bandwidth
100
KHz
ASB
Stand-by Attenuation
90
110
dB
ISB
Stand-by Current
25
100
µA
AM
Mute Attenuation
80
100
dB
VOS
Offset Voltage
Mute & Play
-100
0
100
mV
VAM
Min. Supply Voltage Threshold
7
7.5
8
V
TON
Turn on Delay
D2/D1 (IB1) 0 to 1
20
50
ms
TOFF
Turn off Delay
D2/D1 (IB1) 1 to 0
20
50
ms
CDLK
Clip Det High Leakage Current
CD off
0
15
µA
CDSAT
Clip Det Sat. Voltage
CD on; ICD = 1mA
300
mV
CDTHD
Clip Det THD level
D0 (IB1) = 0
0
1
2
%
D0 (IB1) = 1
5
10
15
%
TURN ON DIAGNOSTICS 1 (Power Amplifier Mode)
Pgnd
Short to GND det. (below this
limit, the Output is considered in
Short Circuit to GND)
Power Amplifier in st-by
1.2
V
Pvs
Short to Vs det. (above this limit,
the Output isconsidered in Short
Circuit to VS)
Vs -1.2
V
Pnop
Normal operation
thresholds.(Within these limits,
the Output is considered without
faults).
1.8
Vs -1.8
V
Lsc
Shorted Load det.
0.5
Ω
Lop
Open Load det.
85
Ω
Lnop
Normal Load det.
1.65
45
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com