Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC240G-S20-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74HC240G-S20-R
Description  OCTAL BUFFERS AND LINE DRIVERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC240G-S20-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74HC240G-S20-R Datasheet HTML 1Page - Unisonic Technologies U74HC240G-S20-R Datasheet HTML 2Page - Unisonic Technologies U74HC240G-S20-R Datasheet HTML 3Page - Unisonic Technologies U74HC240G-S20-R Datasheet HTML 4Page - Unisonic Technologies U74HC240G-S20-R Datasheet HTML 5Page - Unisonic Technologies U74HC240G-S20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U74HC240
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-498.D
TEST CIRCUIT AND WAVEFORMS
Inputs
VIN
tr, tf
VM
VLOAD
CL
RL
VCC
≤ 6ns
VCC/2
VCC
50 or 150pF
500Ω
VCC
0V
Input
10%
90%
t r
10%
90%
t f
VM
VIN
0V
VOH
VOL
Input
Output
tPLH
Output
10%
90%
t r
10%
90%
t f
10%
90%
t f
10%
90%
t r
VOH
VOL
tPHL
VM
VM
VM
VM
VM
tPHL
tPLH
TEST
S1
tPLH/tPHL
Open
tPLZ/tPZL
VLOAD
tPHZ/tPZH
GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com