Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC240G-S20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC240G-S20-R
Description  OCTAL BUFFERS AND LINE DRIVERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC240G-S20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC240G-S20-R Datasheet HTML 1Page - Unisonic Technologies U74HC240G-S20-R Datasheet HTML 2Page - Unisonic Technologies U74HC240G-S20-R Datasheet HTML 3Page - Unisonic Technologies U74HC240G-S20-R Datasheet HTML 4Page - Unisonic Technologies U74HC240G-S20-R Datasheet HTML 5Page - Unisonic Technologies U74HC240G-S20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC240
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R502-498.D
OCTAL BUFFERS AND LINE
DRIVERS WITH 3-STATE OUTPUTS
DESCRIPTION
The U74HC240 is a octal buffer and line driver with 3-state
outputs. It is organized as two 4-bit buffers/drivers with separate
output-enable ( OE ) inputs. When OE is high, the Y outputs are in
a high-impedance state and the outputs neither load nor drive the
bus lines. When OE is low, the device passes inverted data from
the A inputs to the Y outputs.
The U74HC240 is designed to improve the performance and
density of 3-state memory address drivers, clock drivers and
bus-oriented receivers and transmitters.
To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pull-up resistor; and the
minimum value of the resistor is determined by the current-sinking
capability of the driver.
FEATURES
* Wide supply voltage range from 2V to 6V
* Max tpd of 9 ns from A to Y at 6V
* Low power consumption, ICC = 8 μA (Max.) at 6V
* ±6 mA output driver at 5V
* Low Input Current of 1 μA Max
SOP-20
SSOP-20
TSSOP-20
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74HC240L-S20-R
U74HC240G-S20-R
SOP-20
Tape Reel
U74HC240L-R20-R
U74HC240G-R20-R
SSOP-20
Tape Reel
U74HC240L-P20-R
U74HC240G-P20-R
TSSOP-20
Tape Reel
MARKING


Similar Part No. - U74HC240G-S20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC240G-P20-R UTC-U74HC240G-P20-R Datasheet
181Kb / 7P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
U74HC240G-P20-R UTC-U74HC240G-P20-R Datasheet
242Kb / 6P
OCTAL BUFFERS
U74HC240G-P20-T UTC-U74HC240G-P20-T Datasheet
181Kb / 7P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - U74HC240G-S20-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT541 TI-SN54HCT541_06 Datasheet
452Kb / 15P
OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI-SN54HC240_07 Datasheet
682Kb / 18P
OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
OCTAL BUFFERS AND LINE DRIVERS
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54ALS244C TI1-SN54ALS244C_16 Datasheet
1Mb / 22P
OCTAL BUFFERS AND LINE DRIVERS
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI1-SN54HC240_16 Datasheet
1Mb / 22P
OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
OCTAL BUFFERS AND LINE DRIVERS
SN54HCT541 TI1-SN54HCT541_16 Datasheet
1Mb / 21P
OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC541 UTC-U74HC541_17 Datasheet
258Kb / 6P
OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com