Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR110-56T7RL Datasheet(PDF) 5 Page - STMicroelectronics

Part # DDR110-56T7RL
Description  DOUBLE DATA RATE TERMINATION NETWORK WITH DISABLE SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DDR110-56T7RL Datasheet(HTML) 5 Page - STMicroelectronics

  DDR110-56T7RL Datasheet HTML 1Page - STMicroelectronics DDR110-56T7RL Datasheet HTML 2Page - STMicroelectronics DDR110-56T7RL Datasheet HTML 3Page - STMicroelectronics DDR110-56T7RL Datasheet HTML 4Page - STMicroelectronics DDR110-56T7RL Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
®
DDR110-xxT7RL
5/5
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2001 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
Type
Marking
Package
Weight
Base qty
Delivery mode
DDR110-27T7RL
DDR110-27
TSSOP-24
0.088 g
2500
Tape & Reel
DDR110-56T7RL
DDR110-56
TSSOP-24
0.088 g
2500
Tape & Reel
s
Epoxy meets UL94 - V0 standard
PACKAGE MECHANICAL DATA
TSSOP-24
1
24
12
13
b
e
A1
A
A2
E
D
c
L
k
E1
L1
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.200
0.047
A1
0.050
0.150 0.002
0.006
A2
0.800 1.000 1.050 0.031 0.039 0.041
b
0.190
0.300 0.007
0.012
c
0.090
0.200 0.004
0.008
D
7.700 7.800 7.900 0.303 0.307 0.311
E
6.400
0.252
E1
4.300 4.400 4.500 0.169 0.173 0.177
e
0.65
0.026
k
0°8°
0°8°
L
0.450 0.600 0.750 0.017 0.024 0.029
L1
1.000
0.039
0.65mm
6.8mm
4.4mm
0.30mm
8.00mm
FOOTPRINT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com