Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR110-56T7RL Datasheet(PDF) 1 Page - STMicroelectronics

Part # DDR110-56T7RL
Description  DOUBLE DATA RATE TERMINATION NETWORK WITH DISABLE SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DDR110-56T7RL Datasheet(HTML) 1 Page - STMicroelectronics

  DDR110-56T7RL Datasheet HTML 1Page - STMicroelectronics DDR110-56T7RL Datasheet HTML 2Page - STMicroelectronics DDR110-56T7RL Datasheet HTML 3Page - STMicroelectronics DDR110-56T7RL Datasheet HTML 4Page - STMicroelectronics DDR110-56T7RL Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
DDR110-xxT7RL
®
May 2001 - Ed: 2
DOUBLE DATA RATE TERMINATION
NETWORK WITH DISABLE SWITCH
s
10 bits Termination Network.
s
Integrated Termination resistor (Rs)
s
Enable input TTL level compatible
s
Impedance matching ± 2% (A0-B0 / An-Bn)
s
Optimized
Low
Crosstalk
for
parallel
Termination to Vtt.
s
Optimized Low propagation delay
FEATURES AND BENEFITS
The DDR110 provides 10 bits resistor Network to
be used for SDR/DDR (double data rate) SDRAM
bus Termination.
This device has a series resistors (Rs) to reduce
signal reflection noise. This eliminates the need for
external terminating resistors.
The DDR Termination Nerwork is enabled with the
output Enable pin (OE). When OE is HIGH Inputs
are connected to Outputs (A connected to B).
When OE is LOW every inputs are in High
impedance state (Hi - Z).
The DDR Termination Network is a bidirectional
device when the internal switch is ON. When the
switch is OFF, the device will block current in both
directions.
This device is made using ST IPAD
TM (Integrated
Passive & Active devices) technology.
DESCRIPTION
ASD™
IPAD™ Computer
DDR (double data rate) Termination Network used
on.
s
Motherboard
s
Workstation
s
Server
s
Notebooks
MAIN APPLICATION
1
24
12
TSSOP24
Rs
A0
B0
VSS
VCC
OE
NC
Rs
A5
B5
Rs
A2
B2
Rs
A3
B3
Rs
A1
B1
Rs
A6
B6
Rs
A7
B7
Rs
A8
B8
Rs
A9
B9
Rs
A4
B4
GATE
CONTROL
1
24
12


Similar Part No. - DDR110-56T7RL

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
DDR1000W500RJC TOKEN-DDR1000W500RJC Datasheet
307Kb / 2P
Power Resistor Assembly Method
DDR1000W500RJG TOKEN-DDR1000W500RJG Datasheet
307Kb / 2P
Power Resistor Assembly Method
DDR1000W500RJN TOKEN-DDR1000W500RJN Datasheet
307Kb / 2P
Power Resistor Assembly Method
DDR1000W500RJZ TOKEN-DDR1000W500RJZ Datasheet
307Kb / 2P
Power Resistor Assembly Method
DDR1000W500RKC TOKEN-DDR1000W500RKC Datasheet
307Kb / 2P
Power Resistor Assembly Method
More results

Similar Description - DDR110-56T7RL

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
DOUBLE DATA RATE DDR SDRAM
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
ADD8608A8A A-DATA-ADD8608A8A Datasheet
549Kb / 9P
Double Data Rate SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
Double Data Rate SDRAM
logo
Eorex Corporation
EM42AM1684RTC EOREX-EM42AM1684RTC_15 Datasheet
345Kb / 21P
Double DATA RATE SDRAM
EM42BM1684RTC EOREX-EM42BM1684RTC_15 Datasheet
474Kb / 23P
Double DATA RATE SDRAM
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
Double DATA RATE SDRAM
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
Double DATA RATE SDRAM
EM428M1644RTA EOREX-EM428M1644RTA_15 Datasheet
341Kb / 20P
Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com