Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952606 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS952606
Description  Programmable Timing Control Hub for Next Gen P4 processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952606 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS952606 Datasheet HTML 9Page - Integrated Circuit Systems ICS952606 Datasheet HTML 10Page - Integrated Circuit Systems ICS952606 Datasheet HTML 11Page - Integrated Circuit Systems ICS952606 Datasheet HTML 12Page - Integrated Circuit Systems ICS952606 Datasheet HTML 13Page - Integrated Circuit Systems ICS952606 Datasheet HTML 14Page - Integrated Circuit Systems ICS952606 Datasheet HTML 15Page - Integrated Circuit Systems ICS952606 Datasheet HTML 16Page - Integrated Circuit Systems ICS952606 Datasheet HTML 17Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Integrated
Circuit
Systems, Inc.
ICS952606
0717F—06/10/05
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
48MHz_USB
2x output drive
0=2x drive
RW
2x drive
normal
1
Bit 6
48MHz_USB
Output Control
RW
Disable
Enable
1
Bit 5
RESERVED
RESERVED
-
X
Bit 4
RESERVED
RESERVED
-
X
Bit 3
RESERVED
RESERVED
-
X
Bit 2
PCICLKF2
Output Control
RW
Stoppable
Free-run
1
Bit 1
PCICLKF1
Output Control
RW
Stoppable
Free-run
1
Bit 0
PCICLKF0
Output Control
RW
Stoppable
Free-run
1
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
DOT_48MHZ
Output Control
RW
Disable
Enable
1
Bit 6
CPU_T/C_ITP
Output Control
RW
Disable
Enable
1
Bit 5
3V66_3/VHC
Select
Output Select
RW
3V66
VCH
0
Bit 4
3V66_3/VHC
Output Control
RW
Disable
Enable
1
Bit 3
RESERVED
RESERVED
-
X
Bit 2
3V66_2
Output Control
RW
Disable
Enable
1
Bit 1
3V66_1
Output Control
RW
Disable
Enable
1
Bit 0
3V66_0
Output Control
RW
Disable
Enable
1
I
2C Table: Output Control and Fix Frequecy Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
Test Clock Mode
Test Clock Mode
-
Disable
Enable
0
Bit 6
RESERVED
-
-
-
-
0
Bit 5
CPU *2 Test Clock
FS_A and FS_B
Operation
-
Normal
Test Mode
0
Bit 4
SRC Frequency Select
SRC Frequency
Select
-
100MHz
200MHz
0
Bit 3
Spread Spectrum Type
Down/Center
-
Down
Center
0
Bit 2
Spread Spectrum Mode
Spread Spectrum
Enable
Spread
OFF
Spread
ON
0
Bit 1
REF1
Output Control
RW
Disable
Enable
1
Bit 0
REF0
Output Control
RW
Disable
Enable
1
I
2C Table: Vendor & Revision ID Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
RID3
R
-
-
0
Bit 6
RID2
R
-
-
0
Bit 5
RID1
R
-
-
0
Bit 4
RID0
R
-
-
0
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
RESERVED
RESERVED
RESERVED
VENDOR ID
-
Byte 7
-
REVISION ID
-
-
-
-
-
-
Byte 6
Byte 4
Byte 5
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com