Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952606 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS952606
Description  Programmable Timing Control Hub for Next Gen P4 processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952606 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS952606 Datasheet HTML 1Page - Integrated Circuit Systems ICS952606 Datasheet HTML 2Page - Integrated Circuit Systems ICS952606 Datasheet HTML 3Page - Integrated Circuit Systems ICS952606 Datasheet HTML 4Page - Integrated Circuit Systems ICS952606 Datasheet HTML 5Page - Integrated Circuit Systems ICS952606 Datasheet HTML 6Page - Integrated Circuit Systems ICS952606 Datasheet HTML 7Page - Integrated Circuit Systems ICS952606 Datasheet HTML 8Page - Integrated Circuit Systems ICS952606 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS952606
0717F—06/10/05
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
*FSA/REF0
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
2
*FSB/REF1
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
3
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
4X1
IN
Crystal input, Nominally 14.318MHz.
5
X2
OUT
Crystal output, Nominally 14.318MHz
6
GND
PWR
Ground pin.
7
PCICLK_F0
OUT
Free running PCI clock not affected by PCI_STOP# .
8
PCICLK_F1
OUT
Free running PCI clock not affected by PCI_STOP# .
9
PCICLK_F2
OUT
Free running PCI clock not affected by PCI_STOP# .
10
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
11
GND
PWR
Ground pin.
12
PCICLK0
OUT
PCI clock output.
13
PCICLK1
OUT
PCI clock output.
14
PCICLK2
OUT
PCI clock output.
15
PCICLK3
OUT
PCI clock output.
16
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
17
GND
PWR
Ground pin.
18
PCICLK4
OUT
PCI clock output.
19
PCICLK5
OUT
PCI clock output.
20
PD#
IN
Asynchronous active low input pin, with 120Kohm internal pull-up
resistor, used to power down the device. The internal clocks are
disabled and the VCO and the crystal are stopped.
21
48MHz_DOT
OUT
48MHz clock output.
22
48MHz_USB
OUT
48MHz clock output.
23
GND
PWR
Ground pin.
24
VDD48
PWR
Power pin for the 48MHz output.3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com