Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16DR10 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 16DR10
Description  Glass Passivated Standard Recovery Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

16DR10 Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  16DR10 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 16DR10 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 16DR10 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 16DR10 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 16DR10 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Average Forward Current (A)
Average Forward Current (A)
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
Fig. 3 Forward Power Loss Characteristics
Fig.1 Current Ratings Characteristics
Fig.2 Current Ratings Characteristics
Fig. 4 Forward Power Loss Characteristics
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
4
8
12
16
20
130
140
160
150
180
170
0
5
10
15
20
25
30
130
140
160
150
180
170
0
4
8
12
16
20
25
50
75
100
0
4
8
12
20
16
8K/ W
10K/W
20K/W
30K/W
5
0
25
10
20
25
30
15
75
50
100
0
5
10
15
20
25
60°
120°
90°
180°
30°
RthJC (DC)=1.6K/W
16D(R)Series
Conduction Angle
16D(R)Series
RthJC (DC)=1.6K/W
Conduction Period
120°
180°
DC
90°
30°
60°
30°
60°
90°
120°
180°
10K/W
20K/W
30K/W
Tj
= 175°C
16D(R)Series
Conduction Angle
RMS Limit
6K/W
8K/ W
15K/W
6K/W
RMS Limit
T
= 175°C
J
16D(R)Series
Conduction Period
RthS
A = 4
K/W
-Delta
R
15K/W
60°
30°
180°
90°
120°
DC
R
thSA =
4K/W
-Delt
a R
Page 3 of 5
www.nellsemi.com
SEMICONDUCTOR
RoHS
RoHS
16D(R)Series
Nell High Power Products



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com